Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 33 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AD2437
Rev. 0
|
Page 33 of 42
|
July 2023
TEST CONDITIONS
All timing parameters appearing in this data sheet were mea-
sured under the conditions described in this section. Figure 34
shows the measurement point for ac measurements (except out-
put enable/disable). The measurement point, VMEAS, is VIOVDD/2
for VIOVDD (nominal) = 3.3 V.
Output Enable Time Measurement
Output pins are considered enabled when they make a transi-
tion from a high impedance state to the point when they start
driving.
The output enable time, tENA, is the interval from the point when
a reference signal reaches a high or low voltage level to the point
when the output starts driving, as shown on the right side of
Figure 35. If multiple pins are enabled, the measurement value
is that of the first pin to start driving.
Output Disable Time Measurement
Output pins are considered disabled when they stop driving,
enter a high impedance state, and start to decay from the output
high or low voltage. The output disable time, tDIS, is the interval
from when a reference signal reaches a high or low voltage level
to the point when the output stops driving, as shown on the left
side of Figure 35.
Capacitive Loading
Output delays and holds are based on standard capacitive loads
of an average of 6 pF on all pins (see Figure 36). VLOAD is equal
to VIOVDD/2. Figure 37 through Figure 40 show how output rise
time varies with capacitance. The delay and hold specifications
given must be derated by a factor derived from these figures.
The graphs in Figure 37 through Figure 40 cannot be linear out-
side the ranges shown.
Figure 33. Digital I/O Drivers (DS1, 3.3 V IOVDD)
Figure 34. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
0
0
1.0
2.0
3.0
4.0
–40
VOL
20
IOVDD = 3.6V @ – 40°C
IOVDD = 3.3V @ 25°C
IOVDD = 3.0V @ 125°C
– 20
– 60
40
0.5
1.5
2.5
3.5
SOURCE VOLTAGE (V)
60
VOH
INPUT
OR
OUTPUT
VMEAS
VMEAS
Figure 35. Output Enable/Disable
Figure 36. Equivalent Device Loading for AC Measurements
(Includes All Fixtures)
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS DRIVING
HIGH IMPEDANCE STATE
OUTPUT STOPS DRIVING
tENA
T1
ZO = 50
(impedance)
TD = 4.04
r 1.18 ns
2pF
TESTER PIN ELECTRONICS
50
0.5pF
70
400
45
4pF
NOTES:
THE WORST CASE TRANSMISSION LINE DELAY IS SHOWN AND CAN BE USED
FOR THE OUTPUT TIMING ANALYSIS TO REFLECT THE TRANSMISSION LINE
EFFECT AND MUST BE CONSIDERED. THE TRANSMISSION LINE (TD) IS FOR
LOAD ONLY AND DOES NOT AFFECT THE DATA SHEET TIMING SPECIFICATIONS.
ANALOG DEVICES RECOMMENDS USING THE IBIS MODEL TIMING FOR A GIVEN
SYSTEM REQUIREMENT. IF NECESSARY, THE SYSTEM CAN INCORPORATE
EXTERNAL DRIVERS TO COMPENSATE FOR ANY TIMING DIFFERENCES.
VLOAD
DUT
OUTPUT
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com