Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 34 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Rev. 0
|
Page 34 of 42
|
July 2023
AD2437
In Figure 37 through Figure 40, digital I/Os include ADR1,
ADR2, SCK, MISO, MOSI, SIOn, BCLK, SYNC, IRQ, and
GPIO7 pins.
Figure 37. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 1.8 V, TJ = 25°C)
Figure 38. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 1.8 V, TJ = 25°C)
Figure 39. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 3.3 V, TJ = 25°C)
0
2
4
6
8
10
12
14
18
16
0
5
10152025303540
45
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 0
0
1
2
3
4
5
6
7
9
8
0
5
1015202530354045
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 1
0
1
2
3
4
5
6
7
10
9
8
0
10
20
30
40
50
60
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 0
Figure 40. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 3.3 V, TJ = 25°C)
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
90
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com