Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 37 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices AD2437 Datasheet HTML 40Page - Analog Devices AD2437 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AD2437
Rev. 0
|
Page 37 of 42
|
July 2023
16
SCL
D_IO_OD
GPIO5
Serial clock for I2C data transfers. Clock input I2C target in A2B main node
mode. Clock input (I2C target) or open-drain clock output (I2C controller) in
A
2B subordinate node mode. Place a pull-up resistor on this pin. Consult
version 2.1 of the I2C bus specification for the proper resistor value. When not
used for I
2C, this pin can be configured as a general-purpose I/O pin (GPIO5).
Connect the pin to ground if not used.
17
MISO
2
D_IO
PWM1
GPIO5
SPI Master In Slave Out pin. This pin is a serial data pin when SPI is enabled.
When not used for SPI purposes, this pin can be configured as a PWM output
(PWM1) or as a general-purpose I/O (GPIO5).
18
MOSI5
D_IO
PWM2
GPIO6
SPI Master Out Slave In pin. This pin is a serial data pin when SPI is enabled.
When not used for SPI purposes, this pin can be configured as a PWM output
(PWM2) or as a general-purpose I/O pin (GPIO6).
19
SCK
5
D_IO
PWM3
GPIO0
SPI clock. This pin is the SPI clock pin when SPI is enabled. When not used for
SPI purposes, this pin can be configured as a PWM output (PWM3) or as a
general-purpose I/O (GPIO0).
20
IOVSS
PWR
None
Power supply pin for IOVDD return current.This pin must be connected to
a low impedance local ground plane.
21
IOVDD
PWR
None
Power supply pin for digital input and output pins. This pin is the second
IOVDD pin along with Pin 11. Externally connect the two IOVDD pins together.
22
ADR1
5
D_IO
SPISS
SPISSEL0
PWMOE
CLKOUT
GPIO4
I
2C address 1 pin. This pin (along with the ADR2 pin) sets the I2C target device
address immediately after reset deassertion. After power-on, this pin can be
configured as the SPI slave-select input (SPISS) pin or as an SPI slave-select
output pin (SPISSEL0) when SPI functions are enabled. When not used for SPI
purposes, this pin can serve as the PWM output enable pin (PWMOE) when
PWM functions are enabled. When not used for SPI or PWM purposes, this pin
can be programmed as a clock output pin (CLKOUT1) or as a general-purpose
I/O pin (GPIO4).
23
ADR2
5
D_IO
ASPISS
SPISSEL2
CLKOUT
GPIO4
I
2C address 2 pin. This pin (along with the ADR1 pin) sets the I2C target device
address immediately after reset deassertion. This pin can be configured as the
alternate SPI slave-select input pin (ASPISS) or as an SPI slave-select output
pin (SPISSEL2) when SPI functions are enabled. When not used for SPI
purposes, this pin can be programmed as a clock output pin (CLKOUT2) or as
a general-purpose I/O pin (GPIO4).
24
IRQ6
D_OUT
None
Interrupt request digital output. This pin indicates that the A2B transceiver
is raising an event driven interrupt request towards the host controller.
At the main transceiver, this pin indicates bit errors on the A
2B bus, interrupts
from GP inputs, SPI interrupts, VMTR interrupts, mailbox interrupts, and line
faults detected by the main and the subordinate transceivers.
At the subordinate transceiver, this pin indicates mailbox and SPI related
interrupts.
In bus monitor mode, this pin indicates that the A
2B transceiver has a PLL lock.
This pin cannot be used as a GPIO pin.
25
RST
D_IN
None
Hardware reset. Resets the transceiver when driven low. When all the power
domains are stable, this pin must be driven high externally. This pin must be
pulled high with a 10 kΩ when not used.
26
VSS
PWR
None
Power supply pin for return current. This pin must be connected to a low
impedance local ground plane.
27
ACM
A_IO
None
Common-mode bias pin for bidirectional, differential A2B line trans-
ceiver for A port.
Table 20. AD2437 Pin Function Descriptions (Continued)
Pin No.
Pin Name
Type
Alternate
Functions1
Description
In this table, the type is defined as follows: PWR = power/ground, A_IN = analog input, D_IN = digital input, A_OUT = analog output,
D_OUT = digital output, A_IO = analog input/output, D_IO = digital input/output, D_IO_OD = digital input/open-drain output,
N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com