Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 24 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD2437 Datasheet HTML 20Page - Analog Devices AD2437 Datasheet HTML 21Page - Analog Devices AD2437 Datasheet HTML 22Page - Analog Devices AD2437 Datasheet HTML 23Page - Analog Devices AD2437 Datasheet HTML 24Page - Analog Devices AD2437 Datasheet HTML 25Page - Analog Devices AD2437 Datasheet HTML 26Page - Analog Devices AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Rev. 0
|
Page 24 of 42
|
July 2023
AD2437
Serial Peripheral Interface (SPI) Port—Slave Timing
Table 11 and Figure 21 describe serial peripheral interface (SPI) port slave operations.
Table 11. Serial Peripheral Interface (SPI) Port—Slave Timing
IOVDD = 1.8 V
IOVDD = 3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSCKS
SCK Period
66.67
66.67
ns
tSCKHS
SCK High Period
30
30
ns
tSCKLS
SCK Low Period
30
30
ns
tSMOSI
Data Input Valid to SCK Sample Edge (Data Input Setup)
2.0
1.0
ns
tHMOSI
SCK Sample Edge to Data Input Invalid (Data Input Hold)
1.8
0.5
ns
tSSS
SPISS Assertion to First SCK Edge
7.0
8.0
ns
tHSS
Last SCK Edge to SPISS Deassertion
10.75
9.75
ns
tSSPWS
SPISS Pulse Width High (Inactive State Between Transfers)
25
25
ns
Switching Characteristics
tDSSOE
SPISS Assertion to Data Out Active
4.50
28.50
2.50
17.50
ns
tDSSHI
SPISS Deassertion to Data Out High Impedance
1.25
22.00
1.25
12.75
ns
tDMISO
SCK Drive Edge to Data Out Valid (Data Out Delay)
19.50
10.75
ns
tHDMISO
SCK Drive Edge to Data Out Invalid (Data Out Hold)
2.50
3.50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com