Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 35 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AD2437
Rev. 0
|
Page 35 of 42
|
July 2023
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Package pin information is shown in Figure 41. The pin func-
tion descriptions are shown in Table 20.
All digital inputs and digital outputs are three-stated with inputs
disabled during reset.
Figure 41. Package Pin Configuration
Table 20. AD2437 Pin Function Descriptions
Pin No.
Pin Name
Type
Alternate
Functions1
Description
1
PLLVSS
PWR
None
Power supply pin for PLLVDD return currents. This pin must be connected
to a low impedance local ground plane.
2, 3
DVDD
PWR
None
Power supply pin for digital core logic. This pin must be connected to
VOUT1.
4
DVSS
PWR
None
Power supply pin for DVDD return currents. This pin must be connected to
a low impedance local ground plane.
5SIO0
2, 3
D_IO
PDM0
GPIO0
Serial I/O pin 0. This pin is a I
2S/TDM receive data pin (DRX0). When PDM
functions are enabled, this pin is a microphone input pin (PDM0). When not
used for serial input, this pin can be configured as a general-purpose I/O pin
(GPIO0).
6SIO1
2, 3
D_IO
PDM1
GPIO1
Serial I/O pin 1. This pin is a configurable I
2S/TDM data pin (DRX1 or
DTX3).When PDM functions are enabled, this pin is a microphone input pin
(PDM1). When not used for serial I/O, this pin can be configured as a general-
purpose I/O pin (GPIO1).
7SIO22, 3
D_IO
ASPISS
SPISSEL1
GPIO2
Serial I/O pin 2. This pin is a configurable I2S/TDM data pin (DRX2 or DTX2).
When not used for serial I/O, this pin can be configured as the alternate SPI
slave-select input pin (ASPISS) or as an SPI slave-select output pin (SPISSEL1).
When not used for I
2S/TDM or SPI purposes, this pin can be configured as a
general-purpose I/O pin (GPIO2).
In this table, the type is defined as follows: PWR = power/ground, A_IN = analog input, D_IN = digital input, A_OUT = analog output,
D_OUT = digital output, A_IO = analog input/output, D_IO = digital input/output, D_IO_OD = digital input/open-drain output,
N/A = not applicable.
1
2
3
ISENSEN
BCM
BN
4
BP
5
TRXVSS
6
TRXVDD
7
TRXVSS
TOP VIEW
25
SIO3
26
IOVDD
27
IOVSS
28
BCLK
29
SYNC
30
SIO2
31
SIO1
32
SIO0
33
DVSS
34
DVDD
35
DVDD
36
PLLVSS
8
AP
9
AN
10
ACM
11
VSS
12
RST
EPAD
(PIN 49)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com