Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 38 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices AD2437 Datasheet HTML 40Page - Analog Devices AD2437 Datasheet HTML 41Page - Analog Devices AD2437 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Rev. 0
|
Page 38 of 42
|
July 2023
AD2437
28
AN
A_IO
None
Bidirectional inverted data pin for A port, differential A2B line driver and
receiver. It is directed towards the upstream transceiver on the A2B bus. This
pin is self biased.
29
AP
A_IO
None
Bidirectional noninverted data pin for A port, differential A
2B line driver
and receiver. It is directed towards the upstream transceiver on the A2B bus.
This pin is self biased.
30
TRXVSS
GND
None
Power supply pin for TRXVDD return currents. Connect this pin to a low
impedance local ground plane.
31
TRXVDD
PWR
None
Power supply pin for A2B line driver and receiver circuit. This pin must be
connected to VOUT2.
32
TRXVSS
GND
None
Power supply pin for TRXVDD return currents. Connect this pin to a low
impedance local ground plane.
33
BP
A_IO
None
Noninverted pin of bidirectional, differential A
2B line driver and receiver
B. It is directed towards the next downstream subordinate transceiver on the
A2B bus. This pin is self biased.
34
BN
A_IO
None
Inverted pin of bidirectional, differential A2B line driver and receiver B.
It is directed towards the next downstream subordinate transceiver on the
A
2B bus. This pin is self biased.
35
BCM
A_IO
None
Common-mode input for bidirectional, differential A
2B line transceiver
B.
36
ISENSEN
A_IN
None
Low side current sense input pin. Analog input to sense the current
returning from the downstream subordinate transceiver. A sense resistor,
connected from ISENSEN to VSENSEN, is required to provide sensing of the
return current when using a single-pair cable. This pin must be pulled low with
a 100 kΩ when using XLR/DMX and CAT cables.
37
VSENSEN
A_IO
None
Low side voltage sense input pin. Analog input to sense the negative power
supplied to the next subordinate device when using a single-pair cable. This
pin must be pulled low with a 100 kΩ when using XLR/DMX and CAT cables.
38
VRVSS
PWR
None
Power supply pin for internal voltage regulators (VOUT1 and VOUT2)
return current. Connect this pin to a low impedance local ground plane.
39
SWN
A_IO
None
Low side MOSFET switch control pin. This output pin drives the gate of an
external low side NMOS when using a single-pair cable. This pin is driven high
to turn on a switch to deliver power to the next subordinate device. The pin
is driven low by default and when fault conditions occur. This pin requires an
external pull-down resistor to keep the external NMOS off during bus initial-
ization. This pin must be pulled low with a 100 kΩ when using XLR/DMX and
CAT cables.
40
VSENSEP
A_IO
None
High side voltage sense input pin. Analog input to sense the bus bias
voltage supplied to the next subordinate device.
41
SWP
A_OUT
None
High side MOSFET switch control pin. This output pin drives the gate of an
external high side NMOS.
When controlling the NMOS, a voltage above VBUS is maintained on this
output pin to turn the external NMOS on and keep it powered during normal
operation to deliver power to the next subordinate device. The pin is driven
low when fault conditions occur.
For the last subordinate node, connect this pin per the reference schematic.
Table 20. AD2437 Pin Function Descriptions (Continued)
Pin No.
Pin Name
Type
Alternate
Functions1
Description
In this table, the type is defined as follows: PWR = power/ground, A_IN = analog input, D_IN = digital input, A_OUT = analog output,
D_OUT = digital output, A_IO = analog input/output, D_IO = digital input/output, D_IO_OD = digital input/open-drain output,
N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com