Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 26 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD2437 Datasheet HTML 22Page - Analog Devices AD2437 Datasheet HTML 23Page - Analog Devices AD2437 Datasheet HTML 24Page - Analog Devices AD2437 Datasheet HTML 25Page - Analog Devices AD2437 Datasheet HTML 26Page - Analog Devices AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Rev. 0
|
Page 26 of 42
|
July 2023
AD2437
Pulse Width Modulation (PWM) Timing
Table 12 describes pulse width modulation (PWM) operations.
A
2B BUS SYSTEM SPECIFICATION
Table 12. Pulse Width Modulation (PWM) Timing
Parameter
Min
Typ
Max
Unit
Switching Characteristics
fPWM
PWM Frequency
fSYNCM/256
fSYNCM × 4
Hz
tPWM_ON
PWM Minimum ON Time
0
ns
tPWM_OFF
PWM Minimum OFF Time
18
ns
Table 13. A2B System Specifications
Parameter
System Specification
Cable
CAT5e/CAT6/CAT7; XLR/DMX; or single-pair wire
Maximum Cable Length
300 m total, up to 30 m between nodes
Maximum Number of Nodes
17 nodes (1 main node and 16 subordinate nodes)1
1 Local power nodes are needed to maintain data sheet-specified supply voltages at each node.
Maximum A2B Bus Bandwidth
1024 × fSYNCM
Maximum Number of A2B Data Slots
64 total, up to 32 upstream and 32 downstream data slots. It includes SPI data tunnel slots and
audio data slots. The number of SPI data tunnel slots can be configured between 2 and 12; the
number of audio slots can be configured between 0 to 32 depending upon system design. See
the AD2437 A2B Transceiver Technical Reference.
Number of Audio TDM Channels per Node
Individually programmable 0 to 32 upstream channels and 0 to 32 downstream channels
Synchronous A2B Data Slot Size
8, 12, 16, 20, 24, 28, or 32 bits to match I2S/TDM data-word lengths. Same slot size for all nodes.
Upstream and downstream can choose different slot sizes. 12-, 16-, or 20-bit slot sizes can carry
compressed data over the A
2B bus for 16-, 20-, or 24-bit I2S/TDM word lengths.
Audio Sampling Frequency
44.1 kHz or 48 kHz. All nodes sample synchronously. Subordinate node transceivers support
sample rates (fS) of 1× (48 kHz), 2× (96 kHz) or 4× (192 kHz), individually configured per subor-
dinate node.
Subordinate node transceivers also support reduced rate sampling for 24 kHz, 12 kHz, 6 kHz,
4 kHz, 3 kHz, 2.4 kHz, 2 kHz, 1.71 kHz, or 1.5 kHz at a low latency 48 kHz superframe rate. See
the AD2437 A2B Transceiver Technical Reference for more information.
Discovery Time
<50 ms per node and <<500 ms for total system startup in a system with 10 nodes (includes
register initialization)
Maximum Current Supported During
Discovery per Node (ISYS_DSCVRY)
250 mA
Maximum Capacitive Load per Bus Powered
Subordinate Node CSUB
1000 μF
Bit Error Detection and Correction
Robust error detection for control data and status data with 16-bit cyclic redundancy check
(CRC)
Parity and line code error detection on synchronous data slots with audio error correction
(repeat of last known good data).
For 24-bit and 32-bit data channels, single error correction and double error detection
(SECDED) of synchronous data slots is possible.
Line Fault Diagnostics
Location and cause of fault can be detected for A2B wires shorted to a high voltage (for
example, positive terminal of car battery), shorted to ground, wires shorted to each other, wires
reversed, wires open, or wrong port connection. See the AD2437 A2B Transceiver Technical
Reference for more information.
System EMI/EMC
Meets or exceeds industry specification for robustness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com