Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 28 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD2437 Datasheet HTML 24Page - Analog Devices AD2437 Datasheet HTML 25Page - Analog Devices AD2437 Datasheet HTML 26Page - Analog Devices AD2437 Datasheet HTML 27Page - Analog Devices AD2437 Datasheet HTML 28Page - Analog Devices AD2437 Datasheet HTML 29Page - Analog Devices AD2437 Datasheet HTML 30Page - Analog Devices AD2437 Datasheet HTML 31Page - Analog Devices AD2437 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Rev. 0
|
Page 28 of 42
|
July 2023
AD2437
POWER-UP SEQUENCING RESTRICTIONS
There are no power-up sequencing restrictions. The transceiver
remains in the reset state until all of the supplies (VIN, IOVDD,
DVDD, and TRXVDD) power up. Additionally, the hardware
reset pin can be deasserted once all of the power domains are
stable. To avoid damage to the input pins, VIOVDD must be
within specification before the external devices drive the input
signals, except the SCL and SDA pins.
PDM TYPICAL PERFORMANCE CHARACTERISTICS
Figure 22 through Figure 26 and Table 16 describe typical PDM
performance characteristics.
Figure 22. PDM FFT, fSYNCM = 48 kHz, –60 dBFS Input
Figure 23. PDM Frequency Response (fSYNCM = 48 kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
–190
FREQUENCY (Hz)
20
100
1k
10k
20k
CH1
CH2
0.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
10
1
0.1
FREQUENCY (kHz)
HPF CUT-OFF FREQ = 120Hz
HPF CUT-OFF FREQ = 240Hz
HPF CUT-OFF FREQ = 60Hz
HPF CUT-OFF FREQ = 1Hz
NO HPF
Figure 24. PDM Group Delay vs. Frequency, fSYNCM = 48 kHz
Figure 25. PDM Total Harmonic Distortion (THD)
vs. Normalized Frequency (Relative to fSYNCM)
Figure 26. PDM Out of Band Frequency Response (fSYNCM = 48 kHz)
10
30
50
70
90
130
110
150
170
FREQUENCY (Hz)
10
100
1k
10k
100k
0.0001
0.001
0.01
0.1
1
–140
–120
–100
–80
–60
–20
–40
0
NORMALIZED FREQUENCY (RELATIVE TO
fSYNCM) (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY (MHz)
00.5
1.0
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com