Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 42 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices AD2437 Datasheet HTML 40Page - Analog Devices AD2437 Datasheet HTML 41Page - Analog Devices AD2437 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
 I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
Rev. 0
|
Page 42 of 42
|
July 2023
AD2437
ORDERING GUIDE
Model
1, 2
1 Z = RoHS Compliant Part.
2 RL = Supplied on Tape and Reel.
Temperature Range
3
3 Referenced temperature is junction temperature. See the Operating Conditions section for junction temperature (T
J) specification.
Package Description
Package Option
AD2437KCPZY
0°C to 105°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-26
AD2437KCPZY-RL
0°C to 105°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-26
AD2437BCPZY
–40°C to +105°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-26
AD2437BCPZY-RL
–40°C to +105°C
48-Lead Frame Chip Scale Package [LFCSP]
CP-48-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com