Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 10 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD2437 Datasheet HTML 6Page - Analog Devices AD2437 Datasheet HTML 7Page - Analog Devices AD2437 Datasheet HTML 8Page - Analog Devices AD2437 Datasheet HTML 9Page - Analog Devices AD2437 Datasheet HTML 10Page - Analog Devices AD2437 Datasheet HTML 11Page - Analog Devices AD2437 Datasheet HTML 12Page - Analog Devices AD2437 Datasheet HTML 13Page - Analog Devices AD2437 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Rev. 0
|
Page 10 of 42
|
July 2023
AD2437
ELECTRICAL CHARACTERISTICS
All specifications and characteristics apply across the entire operating conditions range unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
Supply Current
Digital Core Logic Supply Currents
IDVDD_OP
VDVDD Operating Current
VDVDD = 1.98 V
10.0
14.1
16.5
mA
IDVDD_RST
VDVDD Reset Current
RST = 0 V
1.2
1.7
2.5
mA
IDVDD_STBY
VDVDD Standby Current
A2B_DATCTL = 0x80
8.5
10.7
12.5
mA
PLL Supply Currents
IPLLVDD_OP
VPLLVDD Operating Current
VPLLVDD = 1.98 V
0.45
0.68
0.92
mA
IPLLVDD_RST
VPLLVDD Reset Current
RST = 0 V
0.02
0.06
0.12
mA
IPLLVDD_STBY
VPLLVDD Standby Current
A2B_DATCTL = 0x80
0.45
0.68
0.92
mA
Transceiver Supply Currents
1
ITRXVDD_OP
VTRXVDD Operating Current
TX enabled, RX disabled,
100% duty cycle (ITXVDD), VTRXVDD = 3.45 V
12.5
15.0
16.5
mA
TX disabled, RX enabled,
100% duty cycle (IRXVDD), VTRXVDD = 3.45 V
1.75
2.75
3.25
mA
ITRXVDD_RST
VTRXVDD Reset Current
RST = 0 V
1.7
2.8
4.0
mA
ITRXVDD_STBY
VTRXVDD Standby Current
A2B_DATCTL = 0x80
2.1
3.3
4.5
mA
IOVDD Supply Currents2
IIOVDD_RST
VIOVDD Reset Current
RST = 0 V
65.0
92.0
115.0 μA
IIOVDD_STBY
VIOVDD Standby Current
A2B_DATCTL = 0x80
75.0
99.0
125.0 μA
VBUS Supply Currents
IVBUS_OP
VVBUS Operating Current
VVBUS = 24 V
0.68
0.79
0.90
mA
IVBUS_RST
VVBUS Reset Current
RST = 0 V, VBUS = 24 V
0.68
0.79
0.90
mA
IVBUS_STBY
VVBUS Standby Current
A2B_DATCTL = 0x80, VBUS = 24 V
0.68
0.79
0.90
mA
VIN Supply Currents
IVIN_OP
VVIN Operating Current,
LVI Mode = 0
VVIN = 9 V,
IVOUT1 = 17.4 mA
3,
IVOUT2 = 31.5 mA
3
38.96
46.08 50.72 mA
VVIN Operating Current,
LVI Mode = 1
VVIN = 3.45 V,
IVOUT1 = 17.4 mA,
IVOUT2 = 0 mA
11.00
15.43 18.32 mA
IVIN_RST
VVIN Reset Current,
LVI Mode = 0
RST = 0 V,
VVIN = 9 V, VDVDD = 1.98 V,
VPLLVDD = 1.98 V,
VTRXVDD = 3.45 V,
VIOVDD = 3.63 V
5.23
7.92
10.53 mA
VVIN Reset Current,
LVI Mode = 1
RST = 0 V,
VVIN = Maximum VTRXVDD = 3.45 V,
VDVDD = 1.98 V,
VPLLVDD = 1.98 V,
VIOVDD = 3.63 V
1.67
2.37
3.52
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com