Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 12 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD2437 Datasheet HTML 8Page - Analog Devices AD2437 Datasheet HTML 9Page - Analog Devices AD2437 Datasheet HTML 10Page - Analog Devices AD2437 Datasheet HTML 11Page - Analog Devices AD2437 Datasheet HTML 12Page - Analog Devices AD2437 Datasheet HTML 13Page - Analog Devices AD2437 Datasheet HTML 14Page - Analog Devices AD2437 Datasheet HTML 15Page - Analog Devices AD2437 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Rev. 0
|
Page 12 of 42
|
July 2023
AD2437
Digital I/O
IIH
8
Input Leakage, High
VIOVDD = 3.63 V, VIN = 3.63 V
10.0
μA
IIL
8
Input Leakage, Low
VIOVDD = 3.63 V, VIN = 0 V
10.0
μA
VOH1.9
8
High Level Output Voltage
VIOVDD = 1.70 V, IOH = 1 mA
1.35
V
VOH3.3
8
High Level Output Voltage
VIOVDD = 3.00 V, IOH = 1 mA
2.40
V
VOL
8
Low Level Output Voltage
VIOVDD = 3.00 V, IOL = 1 mA
0.40
V
VOL
8
Low Level Output Voltage
VIOVDD = 1.70 V, IOL = 1 mA
0.40
V
VOL_I2C
9
I
2C Low Level Output Voltage
VIOVDD = 3.00 V, IOL = 3.0 mA
0.40
V
VOL_I2C
10
I
2C Low Level Output Voltage
VIOVDD = 1.70 V, IOL = 1.0 mA
0.40
V
CPD
Pin Capacitance
5pF
Line Power Switch
Internal VSENSEP Currents
IVSENSEP
VVSENSEP
VVSENSEP = VVBUS = 24 V
400
μA
Internal ISENSEP Current
IISENSEP
VISENSEP
VVBUS – VISENSEP = 100 mV
13.0
18.0
22.5
μA
SWN Leakage Current
ISWN_LKG
VSWN_LGKG
VSWN = 3.3 V
3.2
mA
Current Thresholds
V
HSNS_LM = VVBUS – VISENSEP
High Side Current Limit Threshold
ON State
100
150
182
mV
V
LSNS_CF = VISENSEN – VVSENSEN Low Side Current Fault Threshold
ON State, VVSENSEN = 0.1 V
115
150
160
mV
External High Side NFET Gate Drive
VSWP – VVSENSEP
ON State, VVSENSEP = VVBUS
4.5
4.7
5.1
V
SWP Slew Rate With Soft Start Enabled11
V
SWP/dt
CAP_DLY = 0, VVBUS = 7 V
1.9
2.2
2.5
V/ms
CAP_DLY = 1, VVBUS = 7 V
9.5
11.6
12.8
V/ms
External Low Side NFET Gate Drive
VSWN
ON State, 220k pull-down to GND on SWN
4.1
V
1 Main node and last subordinate node only consume half the transceiver current because only one of the two transceivers is used.
2 I
IOVDD operational current depends on switching currents on digital I/O pins such as BCLK, SYNC, ADR1, ADR2, SCK, MISO, MOSI, SIOn, and GPIO7. Customers can
calculate the dynamic current using the formula: Output Dynamic Current = (CPD + CL) × VIOVDD × Switching Frequency.
3 I
VOUT1 = Max IDVDD + Max IPLLVDD and IVOUT2 = Max ITRXVDD + Typ IIOVDD. The typical IOVDD current for I
2S at 25 MHz is 15 mA, with a standard capacitive load of 6 pF
(average) on all pins.
4 The chip reset signal is asserted when any supply voltage drops below the reset assertion threshold.
5 The transceiver comes out of reset when all the power supply and the reset pin voltages are above the reset deassertion threshold.
6 IVOUT1 + IVOUT2 < 30 mA when VIN is bus powered by a current limiting device like the ADP2360 from the upstream node.
7 Refer to the VREG Safe Operating Area section.
8 Applies to ADR1, ADR2, SCK, MISO, MOSI, SIOn, BCLK, SYNC, IRQ, and GPIO7 pins.
9 Applies to SDA and SCL pins in standard mode, fast mode, and fast mode plus.
10Applies to SDA and SCL pins in fast mode and fast mode plus.
11Applies when not in current limit with large capacitor bus loading.
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com