Electronic Components Datasheet Search
  English  ▼

X  

AD2437 Datasheet(PDF) 36 Page - Analog Devices

Part # AD2437
Description  A2B Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2437 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD2437 Datasheet HTML 32Page - Analog Devices AD2437 Datasheet HTML 33Page - Analog Devices AD2437 Datasheet HTML 34Page - Analog Devices AD2437 Datasheet HTML 35Page - Analog Devices AD2437 Datasheet HTML 36Page - Analog Devices AD2437 Datasheet HTML 37Page - Analog Devices AD2437 Datasheet HTML 38Page - Analog Devices AD2437 Datasheet HTML 39Page - Analog Devices AD2437 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Rev. 0
|
Page 36 of 42
|
July 2023
AD2437
8SYNC4
D_IO
None
Synchronization signal. This signal frames the multichannel I2S/TDM data
stream.
For the main transceiver, this pin is a digital input driven by the host. In
addition to I
2S/TDM communication, this signal is also used as a PLL input by
the main transceiver. This signal must be continuous and stable because the
main transceiver derives all clocking information for itself and for the A
2B bus
from this signal. When this pin stops toggling, the A
2B bus resets after a delay
due to the PLL unlock operation. For more information, see Table 4.
For subordinate transceivers, this pin is a digital output. It is driven based on
the frame rate (normal, increased, or reduced). In parallel A
2B bus mode, this
pin is a digital input, wherein it accepts the SYNC signal from a paired subor-
dinate transceiver.
9BCLK4
D_IO
PDMCLK
Bit clock. This pin is the bit clock for the I2S/TDM interface.
For the main transceiver, this pin is a digital input (driven by the host) based
on the TDM mode and channel size.
For subordinate transceivers, this pin is a digital output. It is driven based on
the frame rate, TDM mode, and channel size configurations. It can also drive
the clock for the PDM microphones. In parallel A2B bus mode, this pin is a
digital input, wherein it accepts the bit clock from a paired subordinate
transceiver.
10
IOVSS
PWR
None
Power supply pin for IOVDD return current.
This pin must be connected to a low impedance local ground plane.
11
IOVDD
PWR
None
Power supply pin for digital input and output pins. The digital output pins
are supplied from IOVDD, which also sets the highest input voltage that is
allowed on the digital input pins. Two I/O voltage ranges are supported (see
VIOVDD specifications in the Operating Conditions section). The current draw of
these pins is variable and depends on the loads of the digital outputs. IOVDD
can be sourced by either the VOUT1 or VOUT2 pin. However, if the signals do
not originate from logic supplied by the VOUT1 pin or VOUT2 pin, source
IOVDD with an external supply.
12
SIO3
2, 3
D_IO
GPIO3
Serial I/O pin 3. This pin is a configurable I
2S/TDM data pin (DRX3 or DTX1).
When not used for serial I/O, this pin can be configured as a general-purpose
I/O pin (GPIO3).
13
SIO42,3
D_IO
GPIO0
Serial I/O pin 4. This pin is an I2S/TDM transmit data pin (DTX0). When not
used for serial I/O, this pin can be configured as a general-purpose I/O pin
(GPIO0).
14
GPIO7
2
D_IO
RRSTRB
PDMCLK
General-purpose I/O pin 7. This pin is a dedicated general-purpose I/O pin
(GPIO7). When not used for GPIO, this pin can be configured as a reduced rate
strobe pin (RRSTRB) in slave mode or as the alternate PDM clock output pin
(PDMCLK).
15
SDA
D_IO_OD
GPIO6
I
2C serial data. This pin is a bidirectional open-drain input/output. Place a
pull-up resistor on this pin. Consult version 2.1 of the I
2C bus specification for
the proper resistor value. When not used for I2C, this pin can be configured as
a general-purpose I/O pin (GPIO6). Connect the pin to ground if not used.
Table 20. AD2437 Pin Function Descriptions (Continued)
Pin No.
Pin Name
Type
Alternate
Functions1
Description
In this table, the type is defined as follows: PWR = power/ground, A_IN = analog input, D_IN = digital input, A_OUT = analog output,
D_OUT = digital output, A_IO = analog input/output, D_IO = digital input/output, D_IO_OD = digital input/open-drain output,
N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com