Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 32Page - Renesas Technology Corp 455A Datasheet HTML 33Page - Renesas Technology Corp 455A Datasheet HTML 34Page - Renesas Technology Corp 455A Datasheet HTML 35Page - Renesas Technology Corp 455A Datasheet HTML 36Page - Renesas Technology Corp 455A Datasheet HTML 37Page - Renesas Technology Corp 455A Datasheet HTML 38Page - Renesas Technology Corp 455A Datasheet HTML 39Page - Renesas Technology Corp 455A Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 36 of 146
REJ03B0224-0101
455A Group
(3) Timer 1 (interrupt function)
Timer 1 is an 8-bit binary down counter with a timer 1 reload
register (R1). Data can be set simultaneously in timer 1 and the
reload register R1 with the T1AB instruction. Data can be read
from timer 1 with the TAB1 instruction.
Stop counting and then execute the T1AB or TAB1 instruction to
read or set timer 1 data.
When executing the TR1AB instruction to set data to reload
register R1 while timer 1 is operating, avoid a timing when timer
1 underflows.
Timer 1 starts counting after the following process;
(1) set data in timer 1
(2) set count source by bit 0 and 1 of register W1, and
(3) set the bit 2 of register W1 to “1.”
When a value set in reload register R1 is n, timer 1 divides the
count source signal by n + 1 (n = 0 to 255).
Once count is started, when timer 1 underflows (the next count
pulse is input after the contents of timer 1 becomes “0”), the
timer 1 interrupt request flag (T1F) is set to “1,” new data is
loaded from reload register R1, and count continues (auto-reload
function).
The INT pin input can be used as the start trigger for timer 1
count operation by setting “1” in bit 0 of interrupt control register
l1.
Also, in this time, the auto-stop function by timer 1 underflow
can be performed by setting the bit 3 of register W1 to “1.”
(4) Timer 2 (interrupt function)
Timer 2 is an 8-bit binary down counter with two timer 2 reload
register (R2L, R2H). Data can be set simultaneously in timer 2
and the reload register R2L with the T2AB instruction. Data can
be set in the reload register R2H with the T2HAB instruction.
The contents of reload register R2L set with the T2AB
instruction can be set to timer 2 again with the T2R2L
instruction. Data can be read from timer 2 with the TAB2
instruction.
Stop counting and then execute the T2AB or TAB2 instruction to
read or set timer 2 data.
When executing the T2HAB instruction to set data to reload
register R2H while timer 2 is operating, avoid a timing when
timer 2 underflows.
Timer 2 starts counting after the following process;
(1) set data in timer 2
(2) set count source by bit 0 of register W2, and
(3) set the bit 1 of register W2 to “1.”
When a value set in reload register R2L is n and R2H is m, timer
2 divides the count source signal by n + 1 or m + 1 (n = 0 to 255,
m = 0 to 255).
Once count is started, when timer 2 underflows (the next count
pulse is input after the contents of timer 2 becomes “0”), the
timer 2 interrupt request flag (T2F) is set to “1,” new data is
loaded from reload register R2L, and count continues (auto-
reload function).
When bit 3 of register W2 is set to “1”, timer 2 reloads data from
reload register R2L and R2H alternately each underflow.
Timer 2 generates the PWM signal (PWMOUT) of the “L”
interval set as reload register R2L, and the “H” interval set as
reload registerR2H. The PWM signal (PWMOUT) is output
from CNTR pin. When bit 2 of register W2 is set to “1” at this
time, the interval (PWM signal “H” interval) set to reload
register R2H for the counter of timer 2 is extended for a half
period of count source.
In this case, when a value set in reload register R2H is m, timer 2
divides the count source signal by n + 1.5 (m = 1 to 255).
When this function is used, set “1” or more to reload register
R2H.
When bit 1 of register W4 is set to “1”, the PWM signal output to
CNTR pin is switched to valid/invalid each timer 1 underflow.
However, when timer 1 is stopped (bit 2 of register W1 is cleared
to “0”), this function is canceled.
Even when bit 1 of a register W2 is cleared to “0” in the “H”
interval of PWM signal, timer 2 does not stop until it next timer 2
underflow.
When clearing bit 1 of register W2 to “0” to stop timer 2, avoid a
timing when timer 2 underflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com