Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 1 Page - Renesas Technology Corp

  455A Datasheet HTML 1Page - Renesas Technology Corp 455A Datasheet HTML 2Page - Renesas Technology Corp 455A Datasheet HTML 3Page - Renesas Technology Corp 455A Datasheet HTML 4Page - Renesas Technology Corp 455A Datasheet HTML 5Page - Renesas Technology Corp 455A Datasheet HTML 6Page - Renesas Technology Corp 455A Datasheet HTML 7Page - Renesas Technology Corp 455A Datasheet HTML 8Page - Renesas Technology Corp 455A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 1 of 146
REJ03B0224-0101
DESCRIPTION
The 455A Group is a 4-bit single-chip microcomputer designed
with CMOS technology. Its CPU is that of the 4500 Series using
a simple, high-speed instruction set. The computer is equipped
with two 8-bit timers (each timer has one or two reload registers),
a 16-bit timer for clock count, interrupts, and oscillation circuit
switch function.
The various microcomputers in the 455A Group include
variations of type as shown in the table below.
FEATURES
• Minimum instruction execution time..............................0.5
µs
(at 6 MHz oscillation frequency, in high-speed through-mode)
• Supply voltage .......................................................1.8 to 5.5 V
(It depends on operation source clock, oscillation frequency
and operation mode)
•Timers
Timer 1 ..............................................................8-bit timer with
a reload register and carrier wave output auto-control function
Timer 2 ............................. 8-bit timer with two reload registers
and carrier wave generation circuit
Timer 3 ........................ 16-bit timer (fixed dividing frequency)
• Interrupt ..................................................................... 4 sources
• Key-on wakeup function pins .............................................. 24
• I/O ports ............................................................................... 24
• Output ports ........................................................................... 1
• LCD control circuit
Segment output ..................................................................... 32
Common output ...................................................................... 4
• Voltage drop detection circuit
Reset occurrence.................................. Typ. 1.7 V (Ta = 25
°C)
Reset release ........................................ Typ. 1.8 V (Ta = 25
°C)
Skip occurrence ................................... Typ. 2.0 V (Ta = 25
°C)
• Power-on reset circuit
• Watchdog timer
• Clock generating circuit
Built-in clock (high-speed/low-speed on-chip oscillator)
Main clock (ceramic resonator)
Sub-clock (quartz-crystal oscillation)
• LED drive directly enabled (port D)
APPLICATION
Remote control transmitter
Note1.Shipped in blank
Table 1
Support Product
Part number
ROM size (
× 10 bits)
RAM size (
× 4 bits)
Package
ROM type
M3455AG8FP (Note 1)
8192 words
512 words
PLQP0052JA-A
QzROM
M3455AG8-XXXFP
M3455AGCFP (Note 1)
12288 words
M3455AGC-XXXFP
455A Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0224-0101
Rev.1.01
Feb 15, 2008


Similar Part No. - 455A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
logo
France Joint
455 FRANCEJOINT-455 Datasheet
367Kb / 3P
WIPER SEALS
logo
Abbatron All Rights Res...
455 ABBATRON-455 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
455 KEYSTONE-455 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Ezurio
455-00003 EZURIO-455-00003 Datasheet
2Mb / 42P
60 Series SOM
16 Apr 2025 Version 4.0
More results

Similar Description - 455A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com