Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 85Page - Renesas Technology Corp 455A Datasheet HTML 86Page - Renesas Technology Corp 455A Datasheet HTML 87Page - Renesas Technology Corp 455A Datasheet HTML 88Page - Renesas Technology Corp 455A Datasheet HTML 89Page - Renesas Technology Corp 455A Datasheet HTML 90Page - Renesas Technology Corp 455A Datasheet HTML 91Page - Renesas Technology Corp 455A Datasheet HTML 92Page - Renesas Technology Corp 455A Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 89 of 146
REJ03B0224-0101
455A Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
B a (Branch to address a)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
01
1 a6 a5 a4 a3 a2 a1 a0 2 1
8
+a
a 16
11
-
-
Opera-
tion:
(PCL)
← a6 to a0
Grouping:
Branch operation
Description: Branch within a page : Branches to address a in the identi-
cal page.
Note:
Specify the branch address within the page including this
instruction.
BL p,a (Branch Long to address a in page p)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
00
11
1 p4 p3 p2 p1 p0 2 0
E
+p
p 16
2
2
-
-
1p6 p5 a6 a5 a4 a3 a2 a1 a0 2 2a a 16 Grouping:
Branch operation
Description: Branch out of a page : Branches to address a in page p.
Note:
M3455AG8: p=0 to 63
p6=0
M3455AGC: p=0 to 95
Opera-
tion:
(PCH)
← p
(PCL)
← a6 to a0
BLA p (Branch Long to address (D)+(A) in page p)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
001
00
00 2 01 0 16
22
-
-
1p6 p5 p4 00 p3 p2 p1 p0 2 2p p 16 Grouping:
Branch operation
Description: Branch out of a page : Branches to address (DR2 DR1 DR0
A3 A2 A1 A0)2 specified by registers D and A in page p.
Note:
M3455AG8: p=0 to 63
p6=0
M3455AGC: p=0 to 95
Opera-
tion:
(PCH)
← p
(PCL)
← (DR2−R0, A3−A0)
BM a (Branch and Mark to address a in page 2)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
01
0 a6 a5 a4 a3 a2 a1 a0 2 1a a 16
11
-
-
Opera-
tion:
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← 2
(PCL)
← a6−a0
Grouping:
Subroutine call operation
Description: Call the subroutine in page 2 : Calls the subroutine at
address a in page 2.
Note:
Subroutine extending from page 2 to another page can
also be called with the BM instruction when it starts on
page 2.
Be careful not to over the stack because the maximum
level of subroutine nesting is 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com