Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 4 Page - Renesas Technology Corp

  455A Datasheet HTML 1Page - Renesas Technology Corp 455A Datasheet HTML 2Page - Renesas Technology Corp 455A Datasheet HTML 3Page - Renesas Technology Corp 455A Datasheet HTML 4Page - Renesas Technology Corp 455A Datasheet HTML 5Page - Renesas Technology Corp 455A Datasheet HTML 6Page - Renesas Technology Corp 455A Datasheet HTML 7Page - Renesas Technology Corp 455A Datasheet HTML 8Page - Renesas Technology Corp 455A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 4 of 146
REJ03B0224-0101
455A Group
PERFORMANCE OVERVIEW
Table 2
Performance overview
Parameter
Function
Number of basic instructions
138
Minimum instruction execution time
0.5
µs (Oscillation frequency 6 MHz: high-speed through mode)
Memory sizes
ROM
M3455AG8
8192 words
× 10 bits
M3455AGC
12288 words
× 10 bits
RAM
512 words
× 4 bits (including LCD display RAM 32 words × 4 bits)
I/O port
D0
−D5
I/O
(Input is
examined by
skip decision.)
Six independent I/O ports. A pull-up function, a key-on wakeup function and output
structure can be switched by software.
Port D5 is also used as INT pin.
D6
, D7
I/O
(Input is
examined by
skip decision.)
Two independent I/O ports; each pin is equipped with a pull-up function and a key-on
wakeup function. Both functions can be switched by software.
Ports D6 and D7 are also used as XCIN and XCOUT, respectively.
P00
−P03
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P00
−P03 are also used as SEG16−SEG19, respectively.
P10
−P13
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P10
−P13 are also used as SEG20−SEG23, respectively.
P20
−P23
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P20
−P23 are also used as SEG24−SEG27, respectively.
P30
−P33
I/O
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can
be switched by software.
Ports P30
−P33 are also used as SEG28−SEG31, respectively.
C
Output
1-bit output; Port C is also used as CNTR pin.
Timer
Timer 1
8-bit timer with a reload register and carrier wave output auto-control function, and
has an event counter.
Timer 2
8-bit timer with two reload registers and carrier wave generation function.
Timer 3
16-bit timer, fixed dividing frequency (timer for clock count)
Timer LC
4-bit programmable timer with a reload register (for LCD clock generating)
Watchdog timer
16-bit timer, fixed dividing frequency (timer for monitor)
LCD control circuit
Selective bias value
1/2, 1/3 bias
Selective duty value
2, 3, 4 duty
Common output
4
Segment output
32
Internal resistor for power
supply
2r
× 3, 2r × 2, r × 3, r × 2 (r = 100 kΩ, (Ta = 25 °C, Typical value))
Voltage drop
detection circuit
Reset occurrence
Typ. 1.7 V (Ta=25 °C)
Reset release
Typ. 1.8 V (Ta=25 °C)
Skip occurrence
Typ. 2.0 V (Ta=25 °C)
Power-on reset circuit
Built-in
Interrupt
Source
4 sources (one for external, three for timers)
Nesting
1 level
Subroutine nesting
8 levels
Device structure
CMOS silicon gate
Package
52-pin plastic molded LQFP (PLQP0052JA-A)
Operating temperature range
-20 to 85 °C
Power source voltage
1.8 to 5.5 V (It depends on operation source clock, oscillation frequency and
operation mode)
Power
dissipation
(Typ. value)
At active mode
0.3 mA (Ta = 25 °C, VDD
= 3.0 V, f(XIN) = 4 MHz, f(XCIN) = stop, f(HSOCO) = stop,
f(LSOCO)=stop, f(STCK) = f(XIN/8)
At clock operating mode
5
µA (Ta = 25 °C, VDD = 3.0 V, f(XCIN) = 32 kHz)
At RAM back-up
0.1
µA (Ta = 25 °C, output transistor is cut-off state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com