Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 48Page - Renesas Technology Corp 455A Datasheet HTML 49Page - Renesas Technology Corp 455A Datasheet HTML 50Page - Renesas Technology Corp 455A Datasheet HTML 51Page - Renesas Technology Corp 455A Datasheet HTML 52Page - Renesas Technology Corp 455A Datasheet HTML 53Page - Renesas Technology Corp 455A Datasheet HTML 54Page - Renesas Technology Corp 455A Datasheet HTML 55Page - Renesas Technology Corp 455A Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 52 of 146
REJ03B0224-0101
455A Group
(4) Internal state at reset
Figure 51 and 52 shows internal state at reset (they are the same
after system is released from reset). The contents of timers,
registers, flags and RAM except shown in Figure 51 and 52 are
undefined, so set the initial value to them.
Fig 51. Internal state at reset (1)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
• Program counter (PC)
Address 0 in page 0 is set to program counter.
• Interrupt enable flag (INTE)
• Power down flag (P)
• External 0 interrupt request flag (EXF0)
• Interrupt control register V1
• Interrupt control register V2
• Interrupt control register I1
• Timer 1 interrupt request flag (T1F)
• Timer 2 interrupt request flag (T2F)
• Timer 3 interrupt request flag (T3F)
• Watchdog timer flags (WDF1, WDF2)
• Watchdog timer enable flag (WEF)
• Timer control register PA
• Timer control register W1
• Timer control register W2
•Timer control register W3
• Timer control register W4
• Timer control register W5
• Clock control register MR
• Clock control register RG
• LCD control register L1
• LCD control register L2
• LCD control register L3
• LCD control register C1
• LCD control register C2
• LCD control register C3
0
(Interrupt disabled)
0
0
(Interrupt disabled)
0
0
0
0
(Interrupt disabled)
0
0
0
0
0
0
0
0
0
0
1
0
(Prescaler stopped)
0
(Timer 1 stopped)
0
0
0
0
(Timer 2 stopped)
0
0
0
0
0
0
0
0
1
1
0
0
0
(Timer 3 stopped)
(Timer LC stopped)
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com