Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 76Page - Renesas Technology Corp 455A Datasheet HTML 77Page - Renesas Technology Corp 455A Datasheet HTML 78Page - Renesas Technology Corp 455A Datasheet HTML 79Page - Renesas Technology Corp 455A Datasheet HTML 80Page - Renesas Technology Corp 455A Datasheet HTML 81Page - Renesas Technology Corp 455A Datasheet HTML 82Page - Renesas Technology Corp 455A Datasheet HTML 83Page - Renesas Technology Corp 455A Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 80 of 146
REJ03B0224-0101
455A Group
Note 1.“R” represents read enabled, and “W” represents write enabled. .
LCD control register C1
at reset : 11112
at power down : state retained
W
TC1A
C13
P03/SEG19 pin function switch bit
0
SEG19
1P03
C12
P02/SEG18 pin function switch bit
0
SEG18
1P02
C11
P01/SEG17 pin function switch bit
0
SEG17
1P01
C10
P00/SEG16 pin function switch bit
0
SEG16
1P00
LCD control register C2
at reset : 11112
at power down : state retained
W
TC2A
C23
P13/SEG23 pin function switch bit
0
SEG23
1P13
C22
P12/SEG22 pin function switch bit
0
SEG22
1P12
C21
P11/SEG21 pin function switch bit
0
SEG21
1P11
C20
P10/SEG20 pin function switch bit
0
SEG20
1P10
LCD control register C3
at reset : 11112
at power down : state retained
W
TC3A
C33
P33/SEG31 pin function switch bit
0
SEG31
1P33
C32
P32/SEG30 pin function switch bit
0
SEG30
1P32
C31
P31/SEG29 pin function switch bit
0
SEG29
1P31
C30
P30/SEG28 pin function switch bit
0
SEG28
1P30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com