Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 81Page - Renesas Technology Corp 455A Datasheet HTML 82Page - Renesas Technology Corp 455A Datasheet HTML 83Page - Renesas Technology Corp 455A Datasheet HTML 84Page - Renesas Technology Corp 455A Datasheet HTML 85Page - Renesas Technology Corp 455A Datasheet HTML 86Page - Renesas Technology Corp 455A Datasheet HTML 87Page - Renesas Technology Corp 455A Datasheet HTML 88Page - Renesas Technology Corp 455A Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 85 of 146
REJ03B0224-0101
455A Group
Note 1.
M3455AG8: p=0 to 63 and M3455AGC: p=0 to 95.
INDEX LIST OF INSTRUCTION FUNCTION
Group-
ing
Mnemonic
Function
Page
TAB
(A)
← (B)
103 122
TBA
(B)
← (A)
110 122
TAY
(A)
← (Y)
110 122
TYA
(Y)
← (A)
119 122
TEAB
(E7
−E4) ← (B)
(E3
−E0) ← (A)
112 122
TABE
(B)
← (E7−E4)
(A)
← (E3−E0)
104 122
TDA
(DR2
−DR0) ← (A2−A0)
111 122
TAD
(A2
−A0) ← (DR2−DR0)
(A3)
← 0
105 122
TAZ
(A1, A0)
← (Z1, Z0)
(A3, A2)
← 0
110 122
TAX
(A)
← (X)
110 122
TASP
(A2
−A0) ← (SP2−SP0)
(A3)
← 0
108 122
LXY x, y
(X)
← x, x = 0 to 15
(Y)
← y, y = 0 to 15
93 122
LZ z
(Z)
← z, z = 0 to 3
93 122
INY
(Y)
← (Y) + 1
92 122
DEY
(Y)
← (Y) − 1
90 122
TAM j
(A)
← (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
106 122
XAM j
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
120 122
XAMD j
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) − 1
120 122
XAMI j
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
120 122
TMA j
(M(DP))
← (A)
(X)
← (X)EXOR(j)
j = 0 to 15
115 122
Group-
ing
Mnemonic
Function
Page
LA n
(A)
← n
n = 0 to 15
92 124
TABP p
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
(UPTF) = 1,
(DR2)
← 0
(DR1, DR0)
← (ROM(PC))9, 8
(B)
← (ROM(PC))7−4
(A)
← (ROM(PC))3−0
(PC)
← (SK(SP))
(SP)
← (SP) − 1
104 124
AM
(A)
← (A) + (M(DP))
87 124
AMC
(A)
← (A) + (M(DP)) + (CY)
(CY)
← Carry
87 124
A n
(A)
← (A) + n
n = 0 to 15
87 124
AND
(A)
← (A)AND(M(DP))
87 124
OR
(A)
← (A)OR(M(DP))
94 124
SC
(CY)
← 1
98 124
RC
(CY)
← 0
96 124
SZC
(CY) = 0 ?
102 124
CMA
(A)
← (A)
89 124
RAR
95 124
SB j
(Mj(DP))
← 1
j = 0 to 3
97 124
RB j
(Mj(DP))
← 0
j = 0 to 3
95 124
SZB j
(Mj(DP)) = 0 ?
j = 0 to 3
101 124
SEAM
(A) = (M(DP)) ?
99 126
SEA n
(A) = n ?
n = 0 to 15
98 126
B a
(PCL)
← a6−a0
88 126
BL p, a
(PCH)
← p
(PCL)
← a6−a0
88 126
BLA p
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
88 126
CY
A3A2A1A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com