Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 91Page - Renesas Technology Corp 455A Datasheet HTML 92Page - Renesas Technology Corp 455A Datasheet HTML 93Page - Renesas Technology Corp 455A Datasheet HTML 94Page - Renesas Technology Corp 455A Datasheet HTML 95Page - Renesas Technology Corp 455A Datasheet HTML 96Page - Renesas Technology Corp 455A Datasheet HTML 97Page - Renesas Technology Corp 455A Datasheet HTML 98Page - Renesas Technology Corp 455A Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 95 of 146
REJ03B0224-0101
455A Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
OP1A (Output port P1 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
010
00
01 2 22 1 16
11
-
-
Opera-
tion:
(P1)
← (A)
Grouping:
Input/Output operation
Description: Outputs the contents of register A to port P1.
OP2A (Output port P2 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
010
00
10 2 22 2 16
11
-
-
Opera-
tion:
(P2)
← (A)
Grouping:
Input/Output operation
Description: Outputs the contents of the register A to port P2.
OP3A (Output port P3 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
010
00
11 2 22 3 16
11
-
-
Opera-
tion:
(P3)
← (A)
Grouping:
Input/Output operation
Description: Outputs the contents of the register A to port P3.
OR (logical OR between accumulator and memory)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
001
10
01 2 01 9 16
11
-
-
Opera-
tion:
(A)
← (A) OR (M(DP))
Grouping:
Arithmetic operation
Description: Takes the OR operation between the contents of register A
and the contents of M(DP), and stores the result in register
A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com