Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 28Page - Renesas Technology Corp 455A Datasheet HTML 29Page - Renesas Technology Corp 455A Datasheet HTML 30Page - Renesas Technology Corp 455A Datasheet HTML 31Page - Renesas Technology Corp 455A Datasheet HTML 32Page - Renesas Technology Corp 455A Datasheet HTML 33Page - Renesas Technology Corp 455A Datasheet HTML 34Page - Renesas Technology Corp 455A Datasheet HTML 35Page - Renesas Technology Corp 455A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 32 of 146
REJ03B0224-0101
455A Group
Fig 33. Timers structure (1)
XIN
ORCLK
ORCLK
W21
Timer 2 (8)
Reload register R2L (8)
Register B
(TAB2)
(T2AB)
Register A
(T2AB)
(T2AB)
(TAB2)
Timer 2
interrupt
11
10
01
00
W11, W10
PWMOUT
ORCLK
W12
W40
0
1
Timer 1 (8)
Reload register R1 (8)
Register B
(TAB1)
(T1AB)
Register A
(T1AB)
(T1AB)
(TAB1)
T1F
Timer 1
interrupt
Timer 1 underflow signal
(T1UDF)
T3UDF
00
01
10
11
MR3, MR2
Division circuit
Divided by 8
Divided by 4
Divided by 2
Internal clock
generating circuit
(divided by 3)
System clock (STCK)
Instruction clock
(INSTCK)
Prescaler (8)
PA0
Reload register RPS (8)
Register B
(TABPS)
(TPSAB)
Register A
(TPSAB)
(TPSAB)
(TABPS)
(TR1AB)
D5/INT
I13
I12
0
1
I11
0
1
One-sided edge
detection circuit
Both edges
detection circuit
S
R
Q
I10
W13
T1UDF
C/CNTR
W11
W10
PWMOUT
Q
D
R T
W12
W41
T1UDF
I10
1
0
Port C output
W20
0
1
Reload register R2H (8)
Register B
Register A
Reload control circuit
“H” interval
expansion
W22
1
0
(T2R2L)
(T2HAB)
T2F
Q
R
T
W23
PWMOD
Data is set automatically from each reload register
when timer underflows (auto-reload function).
1/2
XIN
11
01
00
MR1, MR0
High-speed on-chip oscillator
Ceramic resonance
XCIN
Quartz-crystal
oscillation
Low-speed on-chip oscillator
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com