Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 23Page - Renesas Technology Corp 455A Datasheet HTML 24Page - Renesas Technology Corp 455A Datasheet HTML 25Page - Renesas Technology Corp 455A Datasheet HTML 26Page - Renesas Technology Corp 455A Datasheet HTML 27Page - Renesas Technology Corp 455A Datasheet HTML 28Page - Renesas Technology Corp 455A Datasheet HTML 29Page - Renesas Technology Corp 455A Datasheet HTML 30Page - Renesas Technology Corp 455A Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 27 of 146
REJ03B0224-0101
455A Group
EXTERNAL INTERRUPTS
The 455A Group has the external 0 interrupt. An external
interrupt request occurs when a valid waveform is input to an
interrupt input pin (edge detection).
The external interrupt can be controlled with the interrupt control
register I1.
Fig 28. External interrupt circuit structure
Table 14 External interrupt activated conditions
Name
Input pin
Activated condition
Valid waveform
selection bit
External 0 interrupt
D5/INT
When the next waveform is input to D5/INT pin
• Falling waveform (
“H” → “L”)
• Rising waveform (
“L” → “H”)
• Both rising and falling waveforms
I11
I12
Key-on wakeup input
SNZI0 instruction
(Note 1)
K21
0
1
Edge detection circuit
Level detection circuit
D5/INT
I13
I12
Falling
0
1
Rising
K20
I11
0
1
One-sided edge
detection circuit
Both edges
detection circuit
Skip
EXF0
External 0
interrupt
Timer 1 count start
synchronization
circuit input
(Note 2)
(Note 3)
Note 1:
This symbol represents a parasitic diode on the port.
2: When
I12= 0(X=0 or 1) is 0, “L” level is detected.
When I12 is 1, “H” level is detected.
3: When I12 is 0, falling edge is detected.
When I12 is 1, rising edge is detected.
(Note 1)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com