Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 59Page - Renesas Technology Corp 455A Datasheet HTML 60Page - Renesas Technology Corp 455A Datasheet HTML 61Page - Renesas Technology Corp 455A Datasheet HTML 62Page - Renesas Technology Corp 455A Datasheet HTML 63Page - Renesas Technology Corp 455A Datasheet HTML 64Page - Renesas Technology Corp 455A Datasheet HTML 65Page - Renesas Technology Corp 455A Datasheet HTML 66Page - Renesas Technology Corp 455A Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 63 of 146
REJ03B0224-0101
455A Group
(1) High-speed on-chip oscillator operation
After system is released from reset, the MCU starts operation by
the clock output from the high-speed on-chip oscillator which is
the internal oscillator.
The clock frequency of the high-speed on-chip oscillator depends
on the supply voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
(2) Main clock generating circuit (f(XIN))
After reset release, the ceramic oscillation is valid for the main
clock. Connect the ceramic oscillator and the external circuit to
pins XIN and XOUT at the shortest distance (Figure 61). A
feedback resistor is built in between pins XIN and XOUT.
If the main clock is not used, connect the XIN pin to VSS and
leave the XOUT pin open.
(3) Low-speed on-chip oscillator operation
After system is released from reset, the low-speed on-chip
oscillator turns invalid which is the internal oscillator.
Oscillator operation/stopping and the control of system clock
selection are operated by the register RG and MR.
The clock frequency of the low-speed on-chip oscillator depends
on the supply voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
Fig 60. Handling of XIN and XOUT when operating on-
chip oscillator
Fig 61. Ceramic resonator external circuit
455A
XIN
XOUT
455A
XIN
XOUT
Rd
CIN
COUT
Note: Externally connect a damping resistor Rd
depending on the oscillation frequency.
(A feedback resistor is built-in.)
Use the resonator manufacturer’s recommended
value because constants such as capacitance
depend on the resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com