Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 12Page - Renesas Technology Corp 455A Datasheet HTML 13Page - Renesas Technology Corp 455A Datasheet HTML 14Page - Renesas Technology Corp 455A Datasheet HTML 15Page - Renesas Technology Corp 455A Datasheet HTML 16Page - Renesas Technology Corp 455A Datasheet HTML 17Page - Renesas Technology Corp 455A Datasheet HTML 18Page - Renesas Technology Corp 455A Datasheet HTML 19Page - Renesas Technology Corp 455A Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 16 of 146
REJ03B0224-0101
455A Group
Fig 10. Port block diagram (8)
注
0
1
L20
1
0
L13
SEG0/VLC3
01
L23
L23
0
1
L23
SEG1/VLC2
01
L22
L22
0
1
L22
SEG2/VLC1
01 L21
L21
0
1
L21
0
1
L20
1
0
L13
1
0
L13
L20
L12
0
1
L11
LCD power supply
LCD control signal
LCD power
supply
(Note 2)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(Note 2)
LCD power
supply
LCD power
supply
LCD power supply
LCD control
signal
LCD control
signal
LCD power supply
LCD power supply
(VLC1)
LCD power supply
(VLC2)
Reset signal
EPOF instruction
+
POF2 instruction
Notes 1.
This symbol represents a parasitic diode on the port.
2. Applied potential to these ports must be VDD or less.
LCD power supply
(VLC3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com