Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 64Page - Renesas Technology Corp 455A Datasheet HTML 65Page - Renesas Technology Corp 455A Datasheet HTML 66Page - Renesas Technology Corp 455A Datasheet HTML 67Page - Renesas Technology Corp 455A Datasheet HTML 68Page - Renesas Technology Corp 455A Datasheet HTML 69Page - Renesas Technology Corp 455A Datasheet HTML 70Page - Renesas Technology Corp 455A Datasheet HTML 71Page - Renesas Technology Corp 455A Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 68 of 146
REJ03B0224-0101
455A Group
Fig 65. When using programmer of Suisei Electronics System Co., LTD, connection example
455A Group
T_VDD
T_VPP
T_SCLK
T_PGM/OE / MD
T_RESET
GND
RESET circuit
Vcc
CNVSS
D4 (SDA)
RESET
Vss
XIN
XOUT
4.7 k
Ω
T_RXD
T_TXD
1k
Ω
T_ BUSY
D3 (SCLK)
D2 (PGM)
N.C.
Set the same termination
as the single-chip mode.
Note: For the programming circuit, the wiring capacity of each signal pin must not exceed 47 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com