Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 18Page - Renesas Technology Corp 455A Datasheet HTML 19Page - Renesas Technology Corp 455A Datasheet HTML 20Page - Renesas Technology Corp 455A Datasheet HTML 21Page - Renesas Technology Corp 455A Datasheet HTML 22Page - Renesas Technology Corp 455A Datasheet HTML 23Page - Renesas Technology Corp 455A Datasheet HTML 24Page - Renesas Technology Corp 455A Datasheet HTML 25Page - Renesas Technology Corp 455A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 22 of 146
REJ03B0224-0101
455A Group
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation
(with the SB j, RB j, and SZB j instructions) is enabled for the
entire memory area. A RAM address is specified by a data
pointer. The data pointer consists of registers Z, X, and Y. Set a
value to the data pointer certainly when executing an instruction
to access RAM (also, set a value after system returns from power
down mode).
RAM includes the area for LCD.
When writing “1” to a bit corresponding to displayed segment,
the segment is turned on.
Table 9 shows the RAM size. Figure 23 shows the RAM map.
•Note
Register Z of data pointer is undefined after system is released
from reset.
Also, registers Z, X and Y are undefined in power down mode.
After system is returned from the power down mode, set these
registers.
Fig 23. RAM map
Table 9
RAM size and pages
Part number
RAM size
M3455AG8
512 words
× 4 bits (2048 bits)
M3455AGC
Register Z
Register X
0
0
1
2
3
… 12
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RAM 512 words×4 bits (2048 bits)
13 14 15
0
1
2
3
1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Note: The numbers in the shaded area indicate the corresponding segment output pin numbers.
… 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com