Electronic Components Datasheet Search
  English  ▼

X  

455A Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 82Page - Renesas Technology Corp 455A Datasheet HTML 83Page - Renesas Technology Corp 455A Datasheet HTML 84Page - Renesas Technology Corp 455A Datasheet HTML 85Page - Renesas Technology Corp 455A Datasheet HTML 86Page - Renesas Technology Corp 455A Datasheet HTML 87Page - Renesas Technology Corp 455A Datasheet HTML 88Page - Renesas Technology Corp 455A Datasheet HTML 89Page - Renesas Technology Corp 455A Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 86 of 146
REJ03B0224-0101
455A Group
Note 1.
M3455AG8: p=0 to 63 and M3455AGC: p=0 to 95.
INDEX LIST OF INSTRUCTION FUNCTION (continued)
Group-
ing
Mnemonic
Function
Page
BM a
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← 2
(PCL)
← a6−a0
88 126
BML p, a
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← a6−a0
89 126
BMLA p
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
89 126
RTI
(PC)
← (SK(SP))
(SP)
← (SP) − 1
97 126
RT
(PC)
← (SK(SP))
(SP)
← (SP) − 1
96 126
RTS
(PC)
← (SK(SP))
(SP)
← (SP) − 1
97 126
DI
(INTE)
← 0
90 128
EI
(INTE)
← 1
91 128
SNZ0
V10 = 0 : (EXF0) = 1 ?
(EXF0)
← 0
V10 = 1 : SNZ0 = NOP
99 128
SNZI0
I12 = 0 : (INT) = “L” ?
I12 = 1 : (INT) = “H” ?
99 128
TAV1
(A)
← (V1)
108 128
TV1A
(V1)
← (A)
118 128
TAV2
(A)
← (V2)
108 128
TV2A
(V2)
← (A)
118 128
TAI1
(A)
← (I1)
105 128
TI1A
(I1)
← (A)
113 128
Group-
ing
Mnemonic
Function
Page
TPAA
(PA)
← (A)
116 128
TAW1
(A)
← (W1)
109 128
TW1A
(W1)
← (A)
118 128
TAW2
(A)
← (W2)
109 128
TW2A
(W2)
← (A)
118 128
TAW3
(A)
← (W3)
109 128
TW3A
(W3)
← (A)
119 128
TAW4
(A)
← (W4)
109 128
TW4A
(W4)
← (A)
119 128
TAW5
(A)
← (W5)
119 128
TW5A
(W5)
← (A)
119 128
TABPS
(B)
← (TPS7−TPS4)
(A)
← (TPS3−TPS0)
104 130
TPSAB
(RPS7
−RPS4) ← (B)
(TPS7
−TPS4) ← (B)
(RPS3
−RPS0) ← (A)
(TPS3
−TPS0) ← (A)
116 130
TAB1
(B)
← (T17−T14)
(A)
← (T13−T10)
103 130
T1AB
(R17
−R14) ← (B)
(T17
−T14) ← (B)
(R13
−R10) ← (A)
(T13
−T10) ← (A)
102 130
TR1AB
(R17
−R14) ← (B)
(R13
−R10) ← (A)
117 130
TAB2
(B)
← (T27−T24)
(A)
← (T23−T20)
104 130
T2AB
(R2L7
−R2L4) ← (B)
(T27
−T24) ← (B)
(R2L3
−R2L0) ← (A)
(T23
−T20) ← (A)
102 130
T2R2L
(T27
−T20) ← (R2L7−R2L0)
103 130
T2HAB
(R2H7
−R2H4) ← (B)
(R2H3
−R2H0) ← (A)
103 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com