Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 67 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 63Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 64Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 65Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 66Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 67Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 68Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 69Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 70Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
Preliminary Information
PSD9XX Family
63
AC/DC
Parameters
The following tables describe the AD/DC parameters of the PSD9XX family:
t DC Electrical Specification
t AC Timing Specification
• PLD Timing
– Combinatorial Timing
• Microcontroller Timing
– Read Timing
– Write Timing
– Power Down and Reset Timing
Following are issues concerning the parameters presented:
t In the DC specification the supply current is given for different modes of operation.
Before calculating the total power consumption, determine the percentage of time that
the PSD9XX is in each mode. Also, the supply power is considerably different if the
Turbo bit is "OFF".
t The AC power component gives the PLD, Flash memory, and SRAM mA/MHz
specification. Figure 26 shows the PLD mA/MHz as a function of the number
of Product Terms (PT) used.
t In the PLD timing parameters, add the required delay when Turbo bit is "OFF".
Figure 26. PLD ICC /FrequencyConsumption (VCC = 5 V ± 10%)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TURBO
ON
(100%)
TURBO
ON
(25%)
TURBO
OFF
TURBO
OFF
PT 100%
PT 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com