Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 24 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 20Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 21Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 22Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 23Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 24Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 25Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 26Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 27Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
The
PSD9XX
Functional
Blocks
(cont.)
9.1.1.5.5 Data Polling Flag DQ7
When Erasing or Programming the Flash memory bit DQ7 outputs the complement of the
bit being entered for Programming/Writing on DQ7. Once the Program instruction or the
Write operation is completed, the true logic value is read on DQ7 (in a Read operation).
Flash memory specific features:
t Data Polling is effective after the fourth Write pulse (for programming) or after the
sixth Write pulse (for Erase). It must be performed at the address being programmed
or at an address within the Flash sector being erased.
t During an Erase instruction, DQ7 outputs a ‘0’. After completion of the instruction,
DQ7 will output the last bit programmed (it is a ‘1’ after erasing).
t If the byte to be programmed is in a protected Flash sector, the instruction is
ignored.
t If all the Flash sectors to be erased are protected, DQ7 will be set to ‘0’ for
about 100 µs, and then return to the previous addressed byte. No erasure will be
performed.
9.1.1.5.6 Toggle Flag DQ6
The PSD9XX offers another way for determining when the Flash memory Program
instruction is completed. During the internal Write operation and when either the FSi or
CSBOOTi is true, the DQ6 will toggle from ‘0’ to ‘1’ and ‘1’ to ‘0’ on subsequent attempts to
read any byte of the memory.
When the internal cycle is complete, the toggling will stop and the data read on the
Data Bus D0-7 is the addressed memory byte. The device is now accessible for a new
Read or Write operation. The operation is finished when two successive reads yield the
same output data. Flash memory specific features:
t The Toggle bit is effective after the fourth Write pulse (for programming) or after the
sixth Write pulse (for Erase).
t If the byte to be programmed belongs to a protected Flash sector, the instruction is
ignored.
t If all the Flash sectors selected for erasure are protected, DQ6 will toggle to ‘0’ for
about 100 µs and then return to the previous addressed byte.
9.1.1.5.7 Error Flag DQ5
During a correct Program or Erase, the Error bit will set to ‘0’. This bit is set to ‘1’ when
there is a failure during Flash byte programming, Sector erase, or Bulk Erase.
In the case of Flash programming, the Error Bit indicates the attempt to program a Flash
bit(s) from the programmed state (0) to the erased state (1), which is not a valid operation.
The Error bit may also indicate a timeout condition while attempting to program a byte.
In case of an error in Flash sector erase or byte program, the Flash sector in which the
error occurred or to which the programmed byte belongs must no longer be used.
Other Flash sectors may still be used. The Error bit resets after the Reset instruction.
9.1.1.5.8
Erase Time-out Flag DQ3
The Erase Timer bit reflects the time-out period allowed between two consecutive Sector
Erase instructions. The Erase timer bit is set to ‘0’ after a Sector Erase instruction for a
time period of 100 µs + 20% unless an additional Sector Erase instruction is decoded.
After this time period or when the additional Sector Erase instruction is decoded, DQ3 is
set to ‘1’.
PSD9XX Family
Preliminary Information
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com