Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 67Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 68Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 69Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 70Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 71Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 72Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 73Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 74Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
Preliminary Information
PSD9XX Family
AC Symbols for PLD Timing.
Example:
t AVLX – Time from Address Valid to ALE Invalid.
Signal Letters
A – Address Input
C – CEout Output
D – Input Data
E – E Input
L – ALE Input
N – Reset Input or Output
P – Port Signal Output
Q – Output Data
R – WR, UDS, LDS, DS, IORD, PSEN Inputs
S – Chip Select Input
T – R/W Input
W – Internal PDN Signal
B – Vstby Output
Signal Behavior
t
– Time
L
– Logic Level Low or ALE
H
– Logic Level High
V
– Valid
X
– No Longer a Valid Logic Level
Z
– Float
PW – Pulse Width
Microcontroller
Interface –
AC/DC
Parameters
(5V ± 10% Versions)
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com