Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 89 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 85Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 86Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 87Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 88Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 89Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 90Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 91Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 92Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
Preliminary Information
PSD9XX Family
85
Family: Plastic Leaded Chip Carrier
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
A
4.19
4.57
0.165
0.180
A1
2.54
2.79
0.100
0.110
A2
3.66
3.86
0.144
0.152
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
C
0.246
0.261
0.0097
0.0103
D
19.94
20.19
0.785
0.795
D1
19.05
19.15
0.750
0.754
D2
17.53
18.54
0.690
0.730
D3
15.24
Reference
0.600
Reference
E
19.94
20.19
0.785
0.795
E1
19.05
19.15
0.750
0.754
E2
17.53
18.54
0.690
0.730
E3
15.24
Reference
0.600
Reference
e1
1.27
Reference
0.050
Reference
N52
52
020197R1
Figure 35A.
Drawing J7 – 52-Pin Plastic Leaded Chip Carrier (PLCC) (Package Type J)
E1
E
52 51
1
2
3
D1
D
View A
R
.025
.045
D3
B1
B
A1
A
D2
A2
C
E3
e1
View A
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com