Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 14 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 10Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 11Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 12Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 13Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 14Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 15Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 16Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 17Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
PSD9XX Family
Preliminary Information
10
The following table describes the pin names and pin functions of the PSD9XX. Pins that
have multiple names and/or functions are defined using PSDsoft.
7.0
Table 5.
PSD9XX
Pin
Descriptions
Pin Name
Pin* Type
Description
(PLCC)
ADIO0-7
30-37
I/O
This is the lower Address/Data port. Connect your MCU
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where
the data is multiplexed with the lower address bits,
connect AD[0:7] to this port.
2. If your MCU does not have a multiplexed address/data
bus, or you are using an 80C251 in page mode, connect
A[0:7] to this port.
3. If you are using an 80C51XA in burst mode, connect
A4/D0 through A11/D7 to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional
blocks was selected. The addresses on this port are passed
to the PLDs.
ADIO8-15
39-46
I/O
This is the upper Address/Data port. Connect your MCU
address or address/data bus according to the following rules:
1. If your MCU has a multiplexed address/data bus where
the data is multiplexed with the lower address bits,
connect A[8:15] to this port.
2. If your MCU does not have a multiplexed address/data
bus, connect A[8:15] to this port.
3. If you are using an 80C251 in page mode, connect
AD[8:15] to this port.
4. If you are using an 80C51XA in burst mode, connect
A12/D8 through A19/D15 to this port.
ALE or AS latches the address. The PSD drives data out only
if the read signal is active and one of the PSD functional
blocks was selected. The addresses on this port are passed
to the PLDs.
CNTL0
47
I
The following control signals can be connected to this port,
based on your MCU:
1. WR — active-low write input.
2. R_W — active-high read/active low write input.
This pin is connected to the PLDs. Therefore, these signals
can be used in decode and other logic equations.
CNTL1
50
I
The following control signals can be connected to this port,
based on your MCU:
1. RD — active-low read input.
2. E — E clock input.
3. DS — active-low data strobe input.
4. PSEN — connect PSEN to this port when it is being used
as an active-low read signal. For example, when the
80C251 outputs more than 16 address bits, PSEN is
actually the read signal.
This pin is connected to the PLDs. Therefore, these
signals can be used in decode and other logic equations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com