Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 68 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 68 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 64Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 65Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 66Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 67Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 68Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 69Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 70Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 71Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 94 page
background image
PSD9XX Family
Preliminary Information
64
Conditions
Highest Composite PLD input frequency
(Freq PLD)
=
8 MHz
MCU ALE frequency (Freq ALE)
=
4 MHz
% Flash Access
=
80%
% SRAM access
=
15%
% I/O access
=
5% (no additional power above base)
Operational Modes
% Normal
=
10%
% Power Down Mode
=
90%
Number of product terms used
(from fitter report)
=
45 PT
% of total product terms
=
45/153 = 29.4%
Turbo Mode
=
ON
Calculation (typical numbers used)
ICC total = Ipwrdown x %pwrdown + %normal x (ICC (ac) + ICC (dc))
= Ipwrdown x %pwrdown + % normal x (%flash x 2.5 mA/MHz x Freq ALE
+ %SRAM x 1.5 mA/MHz x Freq ALE
+ % PLD x 2 mA/MHz x Freq PLD
+ #PT x 400 µA/PT
= 50 µA x 0.90 + 0.1 x (0.8 x 2.5 mA/MHz x 4 MHz
+ 0.15 x 1.5 mA/MHz x 4 MHz
+2 mA/MHz x 8 MHz
+ 45 x 0.4 mA/PT)
= 45 µA + 0.1 x (8 + 0.9 + 16 + 18 mA)
= 45 µA + 0.1 x 42.9
= 45 µA + 4.29 mA
= 4.34 mA
This is the operating power with no Flash writes or erases. Calculation is based
on IOUT = 0 mA.
Example of PSD9XX Typical Power Calculation at VCC = 5.0 V
AC/DC
Parameters
(cont.)
Figure 26a. PLD ICC /Frequency Consumption (PSD9XXFV Versions, VCC = 3 V)
0
10
20
30
40
50
60
VCC = 3V
010
15
5
20
25
TURBO
ON (100%)
TURBO
ON (25%)
TURBO
OFF
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
PT 100%
PT 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com