Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 59 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 55Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 56Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 57Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 58Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 59Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 60Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 61Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 62Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
Preliminary Information
PSD9XX Family
55
The
PSD9XX
Functional
Blocks
(cont.)
Access
5V VCC,
PLD
Memory
Recovery Time
Typical
Propagation
Access
to Normal
Standby
Mode
Delay
Time
Access
Current
Power Down
Normal tpd
No Access
tLVDV
75 µA
(Note 1)
(Note 2)
Table 30. PSD9XX Timing and Standby Current During Power
Down Mode
NOTES: 1. Power Down does not affect the operation of the PLD. The PLD operation in this
mode is based only on the Turbo Bit.
2. Typical current consumption assuming no PLD inputs are changing state and
the PLD Turbo bit is off.
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data Port
Three-State
Table 29. Power Down Mode’s Effect on
Ports
9.5.1 Automatic Power Down (APD) Unit and Power Down Mode (cont.)
Power Down Mode
By default, if you enable the PSD APD unit, Power Down Mode is automatically enabled.
The device will enter Power Down Mode if the address strobe (ALE/AS) remains inactive
for fifteen CLKIN (pin PD1) clock periods.
The following should be kept in mind when the PSD is in Power Down Mode:
• If the address strobe starts pulsing again, the PSD will return to normal operation.
The PSD will also return to normal operation if either the CSI input returns low or the
Reset input returns high.
• The MCU address/data bus is blocked from all memories and PLDs.
• Various signals can be blocked (prior to Power Down Mode) from entering the PLDs
by setting the appropriate bits in the PMMR registers. The blocked signals include
MCU control signals and the common clock (CLKIN). Note that blocking CLKIN from
the PLDs will not block CLKIN from the APD unit.
• All PSD memories enter Standby Mode and are drawing standby current. However,
the PLDs and I/O ports do not go into Standby Mode because you don’t want to
have to wait for the logic and I/O to “wake-up” before their outputs can change. See
table 29 for Power Down Mode effects on PSD ports.
• Typical standby current is in µA for 5 V parts. This standby current value assumes
that there are no transitions on any PLD input.
HC11 (or compatible) Users Note
The HC11 turns off its E clock when it sleeps. Therefore, if you are using an HC11
(or compatible) in your design, and you wish to use the Power Down, you must not
connect the E clock to the CLKIN input (PD1). You should instead connect an
independent clock signal to the CLKIN input. The clock frequency must be less than
15 times the frequency of AS. The reason for this is that if the frequency is greater than
15 times the frequency of AS, the PSD9XX will keep going into Power Down Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com