Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 79 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 75Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 76Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 77Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 78Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 79Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 80Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 81Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 82Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
Preliminary Information
PSD9XX Family
75
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tNLNH
Warm RESET Active Low Time (Note 1)
300
ns
tOPR
RESET High to Operational Device
300
ns
tNLNH-PO
Power On Reset Active Low Time
1
ms
Warm Reset, will abort and reset Flash
tNLNH-A
programming/erase cycles to Read
25
µs
mode. For PSD9X4FV only.
Reset Pin Timing (3 V Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
Vstby Detection to Vstbyon Output
High
(Note 1)
20
µs
tBXBL
Vstby Off Detection to Vstbyon
Output Low
(Note 1)
20
µs
Vstbyon Timing (3 V Versions)
NOTE: 1. RESET will not reset Flash programming/erase cycles.
2. RESET will abort Flash programming or erase cycle.
NOTE: 1. Vstbyon is measured at VCC ramp rate of 2 ms.
-12
-15
-20
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tLVDV
ALE Access Time from
Power Down
145
150
200
ns
Maximum Delay from APD Enable
Using
tCLWH
to Internal PDN Valid Signal
CLKIN Input
15
* tCLCL (µs) (Note 1)
µs
Power Down Timing (3 V Versions)
NOTE: 1. tCLCL is the CLKIN clock period.
Microcontroller Interface – PSD9XXFV AC/DC Parameters
(3 V Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com