Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 70 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 66Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 67Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 68Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 69Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 70Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 71Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 72Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 73Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
PSD9XX Family
Preliminary Information
66
NOTE: 1. Reset input has hysteresis. VIL1 is valid at or below .2VCC –.1. VIH1 is valid at or above .8VCC.
2. CSI deselected or internal Power Down mode is active.
3. PLD is in non-turbo mode and none of the inputs are switching
4. Refer to Figure 32 for PLD current calculation.
5. IOUT = 0 mA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
All Speeds
4.5
5
5.5
V
VIH
High Level Input Voltage
4.5 V < VCC < 5.5 V
2
VCC +.5
V
VIL
Low Level Input Voltage
4.5 V < VCC < 5.5 V
–.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
.8 VCC
VCC +.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–.5
.2 VCC –.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC Min for Flash Erase and Program
2.5
4.2
V
VOL
Output Low Voltage
IOL = 20 µA, VCC = 4.5 V
0.01
0.1
V
IOL = 8 mA, VCC = 4.5 V
0.25
0.45
V
VOH
Output High Voltage Except VSTBY On
IOH = –20 µA, VCC = 4.5 V
4.4
4.49
V
IOH = –2 mA, VCC = 4.5 V
2.4
3.9
V
VOH
1
Output High Voltage VSTBY On
IOH
1
= 1 µA
VSBY – 0.8
V
VSBY
SRAM Standby Voltage
2.0
VCC
V
ISBY
SRAM Standby Current (VSTBY Pin)
VCC = 0 V
0.5
1
µA
IIDLE
Idle Current (VSTBY Pin)
VCC > VSBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Standby Supply Current for Power
CSI > VCC –0.3 V
75
200
µA
Down Mode
(Notes 2 and 3)
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
± 5
10
µA
PLD_TURBO = OFF,
0mA
f = 0 MHz (Note 5)
PLD
PLD_TURBO = ON,
f = 0 MHz
400
700
µA/PT
ICC (DC)
Operating Supply
During Flash Write/Erase
(Note 5)
Current
Flash
Only
15
30
mA
Read Only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
PLD AC Adder
Fig. 26
ICC (AC)
(Note 4)
(Note 5)
FLASH AC Adder
2.5
3.5
mA/MHz
SRAM AC Adder
1.5
3.0
mA/MHz
PSD9XX DC Characteristics (5 V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com