Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 32 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 28Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 29Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 30Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 31Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 32Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 33Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 34Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 35Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
The
PSD9XX
Functional
Blocks
(cont.)
Level 1
SRAM, I /O
Level 2
Secondary Flash Memory
Highest Priority
Lowest Priority
Level 3
Main Flash Memory
Figure 5. Priority Level of Memory and I/O Components
9.1.3.1. Memory Select Configuration for MCUs with Separate Program and Data Spaces
The 8031 and compatible family of microcontrollers, which includes the 80C51, 80C151,
80C251, 80C51XA, and the C500 family have separate address spaces for code memory
(selected using PSEN) and data memory (selected using RD). Any of the memories
within the PSD9XX can reside in either space or both spaces. This is controlled through
manipulation of the VM register that resides in the PSD’s CSIOP space.
The VM register is set using PSDsoft to have an initial value. It can subsequently be
changed by the microcontroller so that memory mapping can be changed on-the-fly.
For example, you may wish to have SRAM and Flash in Data Space at boot, and Boot
Block in Program Space at boot, and later swap Boot Block and Flash. This is easily done
with the VM register by using PSDsoft to configure it for boot up and having the microcon-
troller change it when desired.
Table 13 describes the VM Register.
Bit 7*
Bit 6*
Bit 5*
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FL_Data Boot_Data
FL_Code
Boot_Code SRAM_Code
**
*
0 = RD
0 = RD
0 = PSEN
0 = PSEN
0 = PSEN
can’t
can’t
can’t
can’t
can’t
access
access
access
access
access
Flash
Secondary
Flash
Secondary
SRAM
Flash
Flash
**
*
1 = RD
1 = RD
1 = PSEN
1 = PSEN
1 = PSEN
access
access
access
access
access
Flash
Secondary
Flash
Secondary
SRAM
Flash
Flash
Table 13. VM Register
NOTE: Bits 5-7 are not used, should set to “0”.
PSD9XX Family
Preliminary Information
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com