Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 15 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 11Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 12Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 13Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 14Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 15Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 16Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 17Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 18Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
Preliminary Information
PSD9XX Family
Pin Name Pin*
Type
Description
(PLCC)
CNTL2
49
I
This pin can be used to input the PSEN (Program Select
Enable) signal from any MCU that uses this signal for code
exclusively. If your MCU does not output a Program Select
Enable signal, this port can be used as a generic input. This
port is connected to the PLDs.
Reset
48
I
Active low reset input. Resets I/O Ports and some of the
configuration registers. Must be active at power up.
PA0
29
I/O
These pins make up Port A. These port pins are configurable
PA1
28
and can have the following functions:
PA2
27
1. MCU I/O — write to or read from a standard output or
PA3
25
input port.
PA4
24
2. General Purpose PLD outputs.
PA5
23
3. Inputs to the PLDs.
PA6
22
4. Latched address outputs (see Table 6).
PA7
21
5. Address inputs. For example, PA0-3 could be used for
A[0:3] when using an 80C51XA in burst mode.
6. As the data bus inputs D[0:7] for non-multiplexed
address/data bus MCUs.
7. D0/A16-D3/A19 in M37702M2 mode.
Note: PA0-3 can only output CMOS signals with an option
for high slew rate. However, PA4-7 can be configured as
CMOS or Open Drain Outputs.
PB0
7
I/O
These pins make up Port B. These port pins are configurable
PB1
6
and can have the following functions:
PB2
5
1. MCU I/O — write to or read from a standard output or
PB3
4
input port.
PB4
3
2. General Purpose PLD outputs.
PB5
2
3. Inputs to the PLDs.
PB6
52
4. Latched address outputs (see Table 6).
PB7
51
Note: PB0-3 can only output CMOS signals with an option
for high slew rate. However, PB4-7 can be configured as
CMOS or Open Drain Outputs.
PC0
20
I/O
PC0 pin of Port C. This port pin can be configured to have
the following functions:
1. MCU I/O — write to or read from a standard output or
input port.
2. Input to the PLDs.
3. TMS Input for the JTAG Interface.
This pin can be configured as a CMOS or Open Drain output.
PC1
19
I/O
PC1 pin of Port C. This port pin can be configured to have
the following functions:
1. MCU I/O — write to or read from a standard output or
input port.
2. Input to the PLDs.
3. TCK Input for the JTAG Interface.
This pin can be configured as a CMOS or Open Drain output.
Table 5.
PSD9XX
Pin
Descriptions
(cont.)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com