Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 35 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 31Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 32Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 33Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 34Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 35Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 36Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 37Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 38Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
Preliminary Information
PSD9XX Family
31
The
PSD9XX
Functional
Blocks
(cont.)
9.2 PLDs
The PLDs bring programmable logic functionality to the PSD9XX. After specifying the
chip selects or logic equations for the PLDs in PSDsoft, the logic is programmed into the
device and available upon power-up.
The PSD9XX contains two PLDs: the Decode PLD (DPLD), and the General Purpose PLD
(GPLD). The PLDs are briefly discussed in the next few paragraphs, and in more detail in
sections 9.2.1 and 9.2.2. Figure 10 shows the configuration of the PLDs.
The DPLD performs address decoding for internal components, such as memory,
registers, and I/O port selects.
The GPLD can be used to generate external chip selects, control signals or logic functions.
The GPLD has 19 outputs that are connected to Ports A, B and D.
The AND array is used to form product terms. These product terms are specified using
PSsoft. An Input Bus consisting of 57 signals is connected to the PLDs. The signals are
shown in Table 15. The complement of the 57 signals are also available as input to the
AND array.
Input Source
Input Name
Number
of Signals
MCU Address Bus
A[15:0]
*
16
MCU Control Signals
CNTL[2:0]
3
Reset
RST
1
Power Down
PDN
1
Port A Input
PA[7-0]
8
Port B Input
PB[7-0]
8
Port C Input
PC[7-0]
8
Port D Inputs
PD[2:0]
3
Page Register
PGR(7:0)
8
Flash Programming Status Bit
Rdy/Bsy
1
Table 15. DPLD and GPLD Inputs
NOTE: The address inputs are A[19:4] in 80C51XA mode.
The Turbo Bit
The PLDs in the PSD9XX can minimize power consumption by switching off when inputs
remain unchanged for an extended time of about 70 ns. Setting the Turbo mode bit to off
(Bit 3 of the PMMR0 register) automatically places the PLDs into standby if no inputs
are changing. Turbo-off mode increases propagation delays while reducing power
consumption. Refer to the Power Management Unit section on how to set the Turbo Bit.
Additionally, five bits are available in the PMMR2 register to block MCU control signals
from entering the PLDs. This reduces power consumption and can be used only when
these MCU control signals are not used in PLD logic equations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com