Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 76Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 77Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 78Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 79Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 80Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 81Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 82Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 83Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
PSD9XX Family
Preliminary Information
76
-12
-15
-20
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tISCCF
TCK Clock Frequency (except for PLD)
(Note 1)
12
10
9
MHz
tISCCH
TCK Clock High Time
(Note 1)
40
45
51
ns
tISCCL
TCK Clock Low Time
(Note 1)
40
45
51
ns
tISCCF-P
TCK Clock Frequency (for PLD only)
(Note 2)
2
2
2
MHz
tISCCH-P
TCK Clock High Time (for PLD only)
(Note 2)
240
240
240
ns
tISCCL-P
TCK Clock Low Time (for PLD only)
(Note 2)
240
240
240
ns
tISCPSU
ISC Port Set Up Time
12
13
15
ns
tISCPH
ISC Port Hold Up Time
5
5
5
ns
tISCPCO
ISC Port Clock to Output
30
36
40
ns
tISCPZV
ISC Port High-Impedance to Valid Output
30
36
40
ns
tISCPVZ
ISC Port Valid Output to High-Impedance
30
36
40
ns
ISC Timing (3 V Versions)
NOTES: 1. For “non-PLD” programming, erase or in ISC by-pass mode.
2. For program or erase PLD only.
Symbol
Parameter
Min
Typ
Max
Unit
Flash Bulk Erase (Preprogrammed to 00) (Note 1)
3
30
sec
Flash Bulk Erase (Not Preprogrammed)
5
sec
tWHQV3
Sector Erase (Preprogrammed to 00)
1
30
sec
tWHQV2
Sector Erase (Not Preprogrammed)
2.2
sec
tWHQV1
Byte Program
14
1200
µs
Program/Erase Cycles (Per Sector)
100,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-0) Valid
(Data Polling) (Note 2)
30
ns
Flash Program, Write and Erase Times (3 V Versions)
NOTE: 1. Programmed to all zeros before erase.
2. The polling status DQ7 is valid tQ7VQV ns before the data byte DQ0-7 is valid for reading.
Microcontroller Interface – PSD9XXFV AC/DC Parameters
(3 V Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com