Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 81Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 82Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 83Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 84Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 85Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 86Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 87Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 88Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
Preliminary Information
PSD9XX Family
81
Symbol
Parameter 1
Conditions Typical2 Max Unit
CIN
Capacitance (for input pins only)
VIN = 0 V
4
6
pF
COUT
Capacitance (for input/output pins)
VOUT = 0 V
8
12
pF
CVPP
Capacitance (for CNTL2/VPP)VPP = 0 V
18
25
pF
NOTES: 1. These parameters are only sampled and are not 100% tested.
2. Typical values are for TA = 25°C and nominal supply voltages.
TA = 25 °C, f = 1 MHz
Pin Capacitance
Figure 33.
AC Testing
Input/Output
Waveform
Figure 34.
AC Testing
Load Circuit
Programming
3.0V
0V
TEST POINT
1.5V
DEVICE
UNDER TEST
2.01 V
195
Ω
C
L = 30 pF
(INCLUDING
SCOPE AND JIG
CAPACITANCE)
Upon delivery from ST, the PSD9XX device has all bits in the PLDs and
memories in the “1” or high state. The configuration bits are in the “0” or low state. The
code, configuration, and PLDs logic are loaded through the procedure of programming.
Information for programming the device is available directly from ST. Please contact your
local sales representative. (See the last page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com