Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 31 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 27Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 28Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 29Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 30Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 31Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 32Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 33Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 34Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
Preliminary Information
PSD9XX Family
27
The
PSD9XX
Functional
Blocks
(cont.)
9.1.1.9.4 Reset Pin Input – PSD934F2, PSD954F2
The reset pulse input from the pin will abort any operation in progress and reset the Flash
memory to Read Mode. When the reset occurs during a programming or erase cycle, the
Flash memory will take up to 25 µsec to return to Read Mode. It is recommended that the
reset pulse (except power on reset, see Reset Section) be at least 25 µSec such that the
Flash memory will always be ready for the MCU to fetch the boot codes after reset is over.
9.1.2 SRAM
The SRAM is enabled when RS0— the SRAM chip select output from the DPLD— is high.
RS0 can contain up to two product terms, allowing flexible memory mapping.
The SRAM can be backed up using an external battery. The external battery should be
connected to the Vstby pin (PC2). If you have an external battery connected to the
PSD9XX, the contents of the SRAM will be retained in the event of a power loss. The
contents of the SRAM will be retained so long as the battery voltage remains at 2V or
greater. If the supply voltage falls below the battery voltage, an internal power switchover
to the battery occurs.
Pin PC4 can be configured as an output that indicates when power is being drawn from the
external battery. This Vbaton signal will be high with the supply voltage falls below the bat-
tery voltage and the battery on PC2 is supplying power to the internal SRAM.
The chip select signal (RS0) for the SRAM, Vstby, and Vbaton are all configured using
PSDsoft.
9.1.3 Memory Select Signals
The main Flash (FSi), Secondary Flash (CSBOOTi), and SRAM (RS0) memory select
signals are all outputs of the DPLD. They are setup by entering equations for them in
PSDsoft. The following rules apply to the equations for the internal chip select signals:
1. Main Flash memory and Secondary Flash memory sector select signals must not be
larger than the physical sector size.
2. Any main Flash memory sector must not be mapped in the same memory space as
another Main Flash sector.
3. A Secondary Flash memory sector must not be mapped in the same memory space as
another Secondary Flash sector.
4. SRAM, I/O, and Peripheral I/O spaces must not overlap.
5. A Secondary Flash memory sector may overlap a main Flash memory sector. In case
of overlap, priority will be given to the Secondary Flash sector.
6. SRAM, I/O, and Peripheral I/O spaces may overlap any other memory sector. Priority
will be given to the SRAM, I/O, or Peripheral I/O.
Example
FS0 is valid when the address is in the range of 8000h to BFFFh, CSBOOT0 is valid from
8000h to 9FFFh, and RS0 is valid from 8000h to 87FFh. Any address in the range of RS0
will always access the SRAM. Any address in the range of CSBOOT0 greater than 87FFh
(and less than 9FFFh) will automatically address Boot memory segment 0. Any address
greater than 9FFFh will access the Flash memory segment 0. You can see that half of the
Flash memory segment 0 and one-fourth of Boot segment 0 can not be accessed in this
example. Also note that an equation that defined FS1 to anywhere in the range of 8000h to
BFFFh would not be valid.
Figure 5 shows the priority levels for all memory components. Any component on a higher
level can overlap and has priority over any component on a lower level. Components on
the same level must not overlap. Level one has the highest priority and level 3 has the
lowest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com