| Electronic Components Datasheet Search |
|
PSD913F2-15UI Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD913F2-15UI Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 94 page ![]() Preliminary Information PSD9XX Family PSD9XX Architectural Overview (cont.) 5.4 I/O Ports The PSD9XX has 27 I/O pins divided among four ports (Port A, B, C, and D). Each I/O pin can be individually configured for different functions. Ports A, B, C and D can be configured as standard MCU I/O ports, PLD I/O, or latched address outputs for microcontrollers using multiplexed address/data busses. The JTAG pins can be enabled on Port C for In-System Programming (ISP). Port A can also be configured as a data port for a non-multiplexed bus. 5.5 Microcontroller Bus Interface The PSD9XX easily interfaces with most 8-bit microcontrollers that have either multiplexed or non-multiplexed address/data busses. The device is configured to respond to the microcontroller’s control signals, which are also used as inputs to the PLDs. Section 9.3.5 contains microcontroller interface examples. 5.6 JTAG Port In-System Programming can be performed through the JTAG pins on Port C. This serial interface allows complete programming of the entire PSD9XX device. A blank device can be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) are enabled on Port C when selected or when a device is blank. Table 3 indicates the JTAG signals pin assignments. Port C Pins JTAG Signal PC0 TMS PC1 TCK PC3 TSTAT PC4 TERR PC5 TDI PC6 TDO Table 3. JTAG Signals on Port C 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |