Electronic Components Datasheet Search
  English  ▼

X  

PSD913F2-15UI Datasheet(PDF) 33 Page - STMicroelectronics

Part # PSD913F2-15UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 29Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 30Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 31Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 32Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 33Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 34Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 35Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 36Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
Preliminary Information
PSD9XX Family
The
PSD9XX
Functional
Blocks
(cont.)
MAIN
FLASH
DPLD
SECONDARY
FLASH
BLOCK
SRAM
RS0
CSBOOT0-3
FS0-7
CS
CS
CS
OE
OE
RD
PSEN
OE
Figure 6. 8031 Memory Modes – Separate Space Mode
MAIN
FLASH
DPLD
SECONDARY
FLASH
BLOCK
SRAM
RS0
CSBOOT0-3
FS0-7
RD
CS
CS
CS
RD
OE
OE
VM REG BIT 2
PSEN
VM REG BIT 0
VM REG BIT 1
VM REG BIT 3
VM REG BIT 4
OE
Figure 7. 80C31 Memory Mode – Combined Space Mode
9.1.3.2 Configuration Modes for MCUs with Separate Program and Data Spaces
9.1.3.2.1 Separate Space Modes
Code memory space is separated from data memory space. For example, the PSEN
signal is used to access the program code from the Flash Memory, while the RD signal is
used to access data from the Boot memory, SRAM and I/O Ports. This configuration
requires the VM register to be set to 0Ch.
9.1.3.2.2 . Combined Space Modes
The program and data memory spaces are combined into one space that allows the main
Flash Memory, Boot memory, and SRAM to be accessed by either PSEN or RD. For
example, to configure the main Flash memory in combined space mode, bits 2 and 4 of the
VM register are set to “1”.
9.1.3.3 80C31 Memory Map Example
See Application Note for examples.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com