Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 113Page - Renesas Technology Corp SH7136 Datasheet HTML 114Page - Renesas Technology Corp SH7136 Datasheet HTML 115Page - Renesas Technology Corp SH7136 Datasheet HTML 116Page - Renesas Technology Corp SH7136 Datasheet HTML 117Page - Renesas Technology Corp SH7136 Datasheet HTML 118Page - Renesas Technology Corp SH7136 Datasheet HTML 119Page - Renesas Technology Corp SH7136 Datasheet HTML 120Page - Renesas Technology Corp SH7136 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 91 of 1130
REJ09B0402-0200
5.8.4
Notes on Slot Illegal Instruction Exception Handling
Some specifications on slot illegal instruction exception handling in this LSI differ from those of
the conventional SH-2.
• Conventional SH-2: Instructions LDC Rm,SR and LDC.L @Rm+,SR are not subject to the slot
illegal instructions.
• This LSI: Instructions LDC Rm,SR and LDC.L @Rm+,SR are subject to the slot illegal
instructions.
The supporting status on our software products regarding this note is as follows:
Compiler
This instruction is not allocated in the delay slot in the compiler V.4 and its subsequent versions.
Real-time OS for
µITRON specifications
1. HI7000/4, HI-SH7
This instruction does not exist in the delay slot within the OS.
2. HI7000
This instruction is in part allocated to the delay slot within the OS, which may cause the slot
illegal instruction exception handling in this LSI.
3. Others
The slot illegal instruction exception handling may be generated in this LSI in a case where the
instruction is described in assembler or when the middleware of the object is introduced.
Note that a check-up program (checker) to pick up this instruction is available on our website.
Download and utilize this checker as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com