Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 112Page - Renesas Technology Corp SH7136 Datasheet HTML 113Page - Renesas Technology Corp SH7136 Datasheet HTML 114Page - Renesas Technology Corp SH7136 Datasheet HTML 115Page - Renesas Technology Corp SH7136 Datasheet HTML 116Page - Renesas Technology Corp SH7136 Datasheet HTML 117Page - Renesas Technology Corp SH7136 Datasheet HTML 118Page - Renesas Technology Corp SH7136 Datasheet HTML 119Page - Renesas Technology Corp SH7136 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 90 of 1130
REJ09B0402-0200
5.8
Usage Notes
5.8.1
Value of Stack Pointer (SP)
The SP value must always be a multiple of 4. If it is not, an address error will occur when the
stack is accessed during exception handling.
5.8.2
Value of Vector Base Register (VBR)
The VBR value must always be a multiple of 4. If it is not, an address error will occur when the
stack is accessed during exception handling.
5.8.3
Address Errors Caused by Stacking for Address Error Exception Handling
When the SP value is not a multiple of 4, an address error will occur when stacking for exception
handling (interrupts, etc.) and address error exception handling will start after the first exception
handling is ended. Address errors will also occur in the stacking for this address error exception
handling. To ensure that address error exception handling does not go into an endless loop, no
address errors are accepted at that point. This allows program control to be passed to the handling
routine for address error exception and enables error processing.
When an address error occurs during exception handling stacking, the stacking bus cycle (write) is
executed. When stacking the SR and PC values, the SP values for both are subtracted by 4,
therefore, the SP value is still not a multiple of 4 after the stacking. The address value output
during stacking is the SP value whose lower two bits are cleared to 0. So the write data stacked is
undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com