Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 108Page - Renesas Technology Corp SH7136 Datasheet HTML 109Page - Renesas Technology Corp SH7136 Datasheet HTML 110Page - Renesas Technology Corp SH7136 Datasheet HTML 111Page - Renesas Technology Corp SH7136 Datasheet HTML 112Page - Renesas Technology Corp SH7136 Datasheet HTML 113Page - Renesas Technology Corp SH7136 Datasheet HTML 114Page - Renesas Technology Corp SH7136 Datasheet HTML 115Page - Renesas Technology Corp SH7136 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 86 of 1130
REJ09B0402-0200
5.5.3
Illegal Slot Instructions
An instruction placed immediately after a delayed branch instruction is called "instruction placed
in a delay slot". When the instruction placed in the delay slot is an undefined code, illegal slot
exception handling starts after the undefined code is decoded. Illegal slot exception handling also
starts when an instruction that changes the program counter (PC) value is placed in a delay slot
and the instruction is decoded. The CPU handles an illegal slot instruction as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the target address of the
delayed branch instruction immediately before the undefined code or the instruction that
rewrites the PC.
3. The start address of the exception handling routine is fetched from the exception handling
vector table that corresponds to the exception that occurred. Program execution branches to
that address and the program starts. This branch is not a delayed branch.
5.5.4
General Illegal Instructions
When an undefined code placed anywhere other than immediately after a delayed branch
instruction (i.e., in a delay slot) is decoded, general illegal instruction exception handling starts.
The CPU handles the general illegal instructions in the same procedures as in the illegal slot
instructions. Unlike processing of illegal slot instructions, however, the program counter value that
is stacked is the start address of the undefined code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com