Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 105Page - Renesas Technology Corp SH7136 Datasheet HTML 106Page - Renesas Technology Corp SH7136 Datasheet HTML 107Page - Renesas Technology Corp SH7136 Datasheet HTML 108Page - Renesas Technology Corp SH7136 Datasheet HTML 109Page - Renesas Technology Corp SH7136 Datasheet HTML 110Page - Renesas Technology Corp SH7136 Datasheet HTML 111Page - Renesas Technology Corp SH7136 Datasheet HTML 112Page - Renesas Technology Corp SH7136 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 83 of 1130
REJ09B0402-0200
5.4
Interrupts
5.4.1
Interrupt Sources
Table 5.7 shows the sources that start the interrupt exception handling. They are NMI, user break,
IRQ, and on-chip peripheral modules.
Table 5.7
Interrupt Sources
Type
Request Source
Number of
Sources
NMI
NMI pin (external input)
1
User break
User break controller (UBC)
1
IRQ
IRQ0 to IRQ3 pins (external input)
4
On-chip peripheral module
Multi-function timer pulse unit 2 (MTU2)
28
Multi-function timer pulse unit 2S (MTU2S)
13
Data transfer controller (DTC)
1
Watchdog timer (WDT)
1
A/D converter (A/D_0 and A/D_1)
2
Compare match timer (CMT_0 and CMT_1)
2
Serial communication interface (SCI_0, SCI_1,
and SCI_2)
12
Port output enable (POE)
3
Synchronous serial communication unit (SSU)
3
I
2C bus interface 2 (I2C2)
5
Controller area network (RCAN-ET)
5
All interrupt sources are given different vector numbers and vector table address offsets. For
details on vector numbers and vector table address offsets, see table 6.3 in section 6, Interrupt
Controller (INTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com