Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 101Page - Renesas Technology Corp SH7136 Datasheet HTML 102Page - Renesas Technology Corp SH7136 Datasheet HTML 103Page - Renesas Technology Corp SH7136 Datasheet HTML 104Page - Renesas Technology Corp SH7136 Datasheet HTML 105Page - Renesas Technology Corp SH7136 Datasheet HTML 106Page - Renesas Technology Corp SH7136 Datasheet HTML 107Page - Renesas Technology Corp SH7136 Datasheet HTML 108Page - Renesas Technology Corp SH7136 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 79 of 1130
REJ09B0402-0200
5.2
Resets
5.2.1
Types of Resets
Resets have priority over any exception source. There are two types of resets: power-on resets and
manual resets. As table 5.5 shows, both types of resets initialize the internal status of the CPU. In
power-on resets, all registers of the on-chip peripheral modules are initialized; in manual resets,
they are not.
Table 5.5
Reset Status
Conditions for Transition to
Reset State
Internal State
Type
RES
WDT
Overflow
MRES
CPU, INTC
On-Chip
Peripheral
Module
POE, PFC,
I/O Port
Low
Initialized
Initialized
Initialized
Power-on reset
High
Overflow
High
Initialized
Initialized
Initialized
Manual reset
High
Not overflowed Low
Initialized
Not initialized Not initialized
5.2.2
Power-On Reset
Power-On Reset by
RES Pin: When the RES pin is driven low, this LSI enters the power-on
reset state. To reliably reset this LSI, the
RES pin should be kept low for at least the oscillation
settling time when applying the power or when in standby mode (when the clock is halted) or at
least 20 tcyc when the clock is operating. During the power-on reset state, CPU internal states and
all registers of on-chip peripheral modules are initialized. See appendix A, Pin States, for the
status of individual pins during power-on reset mode.
In the power-on reset state, power-on reset exception handling starts when driving the
RES pin
high after driving the pin low for the given time. The CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception handling vector table are set in PC and SP, then the
program starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com