Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 99Page - Renesas Technology Corp SH7136 Datasheet HTML 100Page - Renesas Technology Corp SH7136 Datasheet HTML 101Page - Renesas Technology Corp SH7136 Datasheet HTML 102Page - Renesas Technology Corp SH7136 Datasheet HTML 103Page - Renesas Technology Corp SH7136 Datasheet HTML 104Page - Renesas Technology Corp SH7136 Datasheet HTML 105Page - Renesas Technology Corp SH7136 Datasheet HTML 106Page - Renesas Technology Corp SH7136 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1160 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 10, 2008 Page 77 of 1130
REJ09B0402-0200
5.1.3
Exception Handling Vector Table
Before exception handling starts, the exception handling vector table must be set in memory. The
exception handling vector table stores the start addresses of exception handling routines. (The
reset exception handling table holds the initial values of PC and SP.)
All exception sources are given different vector numbers and vector table address offsets. The
vector table addresses are calculated from these vector numbers and vector table address offsets.
During exception handling, the start addresses of the exception handling routines are fetched from
the exception handling vector table that is indicated by this vector table address.
Table 5.3 shows the vector numbers and vector table address offsets. Table 5.4 shows how vector
table addresses are calculated.
Table 5.3
Vector Numbers and Vector Table Address Offsets
Exception Handling Source
Vector Number
Vector Table Address Offset
Power-on reset
PC
0
H'00000000 to H'00000003
SP
1
H'00000004 to H'00000007
Manual reset
PC
2
H'00000008 to H'0000000B
SP
3
H'0000000C to H'0000000F
General illegal instruction
4
H'00000010 to H'00000013
(Reserved for system use)
5
H'00000014 to H'00000017
Illegal slot instruction
6
H'00000018 to H'0000001B
(Reserved for system use)
7
H'0000001C to H'0000001F
8
H'00000020 to H'00000023
CPU address error
9
H'00000024 to H'00000027
DTC address error
10
H'00000028 to H'0000002B
Interrupt
NMI
11
H'0000002C to H'0000002F
User break
12
H'00000030 to H'00000033
(Reserved for system use)
13
H'00000034 to H'00000037
:
:
31
H'0000007C to H'0000007F
Trap instruction (user vector)
32
H'00000080 to H'00000083
:
:
63
H'000000FC to H'000000FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com